전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5328 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD5328
상세설명  2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5328 데이터시트(HTML) 4 Page - Analog Devices

  AD5328 Datasheet HTML 1Page - Analog Devices AD5328 Datasheet HTML 2Page - Analog Devices AD5328 Datasheet HTML 3Page - Analog Devices AD5328 Datasheet HTML 4Page - Analog Devices AD5328 Datasheet HTML 5Page - Analog Devices AD5328 Datasheet HTML 6Page - Analog Devices AD5328 Datasheet HTML 7Page - Analog Devices AD5328 Datasheet HTML 8Page - Analog Devices AD5328 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5308/AD5318/AD5328
Rev. F | Page 4 of 28
SPECIFICATIONS
VDD = 2.5 V to 5.5 V; VREF = 2 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise specified.
Table 1.
A Version1
B Version1
Parameter2
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
DC PERFORMANCE3, 4
AD5308
Resolution
8
8
Bits
Relative Accuracy
±0.15
±1
±0.15
±0.75
LSB
Differential Nonlinearity
±0.02
±0.25
±0.02
±0.25
LSB
Guaranteed monotonic by
design over all codes
AD5318
Resolution
10
10
Bits
Relative Accuracy
±0.5
±4
±0.5
±3
LSB
Differential Nonlinearity
±0.05
±0.50
±0.05
±0.50
LSB
Guaranteed monotonic by
design over all codes
AD5328
Resolution
12
12
Bits
Relative Accuracy
±2
±16
±2
±12
LSB
Differential Nonlinearity
±0.2
±1.0
±0.2
±1.0
LSB
Guaranteed monotonic by
design over all codes
Offset Error
±5
±60
±5
±60
mV
VDD = 4.5 V, gain = 2, see
Figure 27 and Figure 28
Gain Error
±0.30
±1.25
±0.30
±1.25
% of FSR
VDD = 4.5 V, gain = 2, see
Figure 27 and Figure 28
Lower Deadband5
10
60
10
60
mV
Lower deadband exists only
if offset error is negative, see
Figure 27
Upper Deadband5
10
60
10
60
mV
Upper deadband exists only
if VREF = VDD and offset plus
gain error is positive, see
Figure 28
Offset Error Drift6
−12
−12
ppm of
FSR/°C
Gain Error Drift6
−5
−5
ppm of
FSR/°C
DC Power Supply Rejection Ratio6
−60
−60
dB
VDD = ±10%
DC Crosstalk6
200
200
μV
RL = 2 kΩ to GND or VDD
DAC REFERENCE INPUTS6
VREF Input Range
1.0
VDD
1.0
VDD
V
Buffered reference mode
0.25
VDD
0.25
VDD
V
Unbuffered reference mode
VREF Input Impedance (RDAC)
>10.0
>10.0
Buffered reference mode
and power-down mode
37.0
45.0
37.0
45.0
Unbuffered reference mode,
0 V to VREF output range
18.0
22.0
18.0
22.0
Unbuffered reference mode,
0 V to 2 VREF output range
Reference Feedthrough
−70.0
−70.0
dB
Frequency = 10 kHz
Channel-to-Channel Isolation
−75.0
−75.0
dB
Frequency = 10 kHz
OUTPUT CHARACTERISTICS6
Minimum Output Voltage7
0.001
0.001
V
This is a measure of the
minimum and maximum
Maximum Output Voltage7
VDD
0.001
VDD − 0.001
V
Drive capability of the
output amplifier
DC Output Impedance
0.5
0.5
Ω


유사한 부품 번호 - AD5328

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5328 AD-AD5328 Datasheet
308Kb / 19P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. B
AD5328 AD-AD5328 Datasheet
575Kb / 24P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. D
AD5328 AD-AD5328 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5328 AD-AD5328 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
Rev. G
AD5328ARU AD-AD5328ARU Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
More results

유사한 설명 - AD5328

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5308 AD-AD5308_1 Datasheet
575Kb / 24P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. D
AD5318 AD-AD5318_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5328 AD-AD5328_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5308 AD-AD5308 Datasheet
308Kb / 19P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. B
AD5328ARUZ AD-AD5328ARUZ Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5308 AD-AD5308_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5307 AD-AD5307_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5317 AD-AD5317_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5327 AD-AD5327_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5307BRU AD-AD5307BRU Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 關A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com