전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM335AH 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LM335AH
상세설명  LM135/LM235/LM335, LM135A/LM235A/LM335A Precision Temperature Sensors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM335AH 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM335AH Datasheet HTML 7Page - Texas Instruments LM335AH Datasheet HTML 8Page - Texas Instruments LM335AH Datasheet HTML 9Page - Texas Instruments LM335AH Datasheet HTML 10Page - Texas Instruments LM335AH Datasheet HTML 11Page - Texas Instruments LM335AH Datasheet HTML 12Page - Texas Instruments LM335AH Datasheet HTML 13Page - Texas Instruments LM335AH Datasheet HTML 14Page - Texas Instruments LM335AH Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
www.ti.com
SNIS160D – MAY 1999 – REVISED MARCH 2013
Figure 29. Centigrade Calibrated Thermocouple Thermometer
Terminate thermocouple reference junction in close proximity to LM335.
Adjustments:
1. Apply signal in place of thermocouple and adjust R3 for a gain of 245.7.
2. Short non-inverting input of LM308A and output of LM329B to ground.
3. Adjust R1 so that VOUT = 2.982V @ 25°C.
4. Remove short across LM329B and adjust R2 so that VOUT = 246 mV @ 25°C.
5. Remove short across thermocouple.
Figure 30. Fast Charger for Nickel-Cadmium Batteries
†Adjust D1 to 50 mV greater VZ than D2.
Charge terminates on 5°C temperature rise. Couple D2 to battery.
Figure 31. Differential Temperature Sensor
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A


유사한 부품 번호 - LM335AH

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM335AH NSC-LM335AH Datasheet
291Kb / 14P
   Precision Temperature Sensors
LM335AH NSC-LM335AH Datasheet
867Kb / 16P
   Precision Temperature Sensors
More results

유사한 설명 - LM335AH

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM135 NSC-LM135_08 Datasheet
867Kb / 16P
   Precision Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135_08 Datasheet
574Kb / 16P
   Precision temperature sensors
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
   Precision Temperature Sensors
LM34 NSC-LM34 Datasheet
248Kb / 12P
   Precision Fahrenheit Temperature Sensors
logo
Riedon Powertron
RTDW1N1001 RIEDON-RTDW1N1001 Datasheet
255Kb / 1P
   Precision Wirewound Temperature Sensors
201907_002
logo
National Semiconductor ...
LM34C NSC-LM34C Datasheet
242Kb / 10P
   Precision Fahrenheit Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
   Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35 TGS-LM35 Datasheet
451Kb / 10P
   Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Centigrade Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com