전자부품 데이터시트 검색엔진 |
|
LM4040AIM3-2.0 데이터시트(PDF) 11 Page - Texas Instruments |
|
|
LM4040AIM3-2.0 데이터시트(HTML) 11 Page - Texas Instruments |
11 / 52 page LM4040-N, LM4040Q-N www.ti.com SNOS633H – OCTOBER 2000 – REVISED APRIL 2013 3.0-V LM4040-N Electrical Characteristics VR Tolerance Grades 'A' and 'B'; Temperature Grade 'I' Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C. The grades A and B designate initial Reverse Breakdown Voltage tolerances of ±0.1% and ±0.2%, respectively. LM4040AIM3 LM4040BIM3 LM4040AIZ LM4040BIZ Symbol Parameter Conditions Typical(1) Units — LM4040BIM7 Limits(2) Limits(2) Reverse Breakdown Voltage IR = 100 μA 3.000 V VR ±3.0 ±6.0 mV (max) Reverse Breakdown Voltage IR = 100 μA Tolerance(3) ±22 ±26 mV (max) 47 μA IRMIN Minimum Operating Current 62 62 μA (max) 67 67 μA (max) IR = 10 mA ±20 ppm/°C Average Reverse Breakdown ΔVR/ΔT Voltage Temperature IR = 1 mA ±15 ±100 ±100 ppm/°C (max) Coefficient(3) IR = 100 μA ±15 ppm/°C 0.6 mV IRMIN ≤ IR ≤ 1 mA 0.8 0.8 mV (max) Reverse Breakdown Voltage 1.1 1.1 mV (max) ΔVR/ΔIR Change with Operating 2.7 mV Current Change(4) 1 mA ≤ IR ≤ 15 mA 6.0 6.0 mV (max) 9.0 9.0 mV (max) 0.4 Ω IR = 1 mA, f = 120 Hz, ZR Reverse Dynamic Impedance IAC = 0.1 IR 0.9 0.9 Ω (max) IR = 100 μA eN Wideband Noise 35 μVrms 10 Hz ≤ f ≤ 10 kHz t = 1000 hrs Reverse Breakdown Voltage ΔVR T = 25°C ±0.1°C 120 ppm Long Term Stability IR = 100 μA VHYST Thermal Hysteresis(5) ΔT = −40°C to +125°C 0.08 % (1) Typicals are at TJ = 25°C and represent most likely parametric norm. (2) Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control (SQC) methods. The limits are used to calculate AOQL. (3) The boldface (over-temperature) limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Voltage Tolerance ±[( ΔVR/ΔT)(maxΔT)(VR)]. Where, ΔVR/ΔT is the VR temperature coefficient, maxΔT is the maximum difference in temperature from the reference point of 25°C to T MIN or TMAX, and VR is the reverse breakdown voltage. The total over- temperature tolerance for the different grades in the industrial temperature range where max ΔT = 65°C is shown below: A-grade: ±0.75% = ±0.1% ±100 ppm/°C × 65°C B-grade: ±0.85% = ±0.2% ±100 ppm/°C × 65°C C-grade: ±1.15% = ±0.5% ±100 ppm/°C × 65°C D-grade: ±1.98% = ±1.0% ±150 ppm/°C × 65°C E-grade: ±2.98% = ±2.0% ±150 ppm/°C × 65°C The total over-temperature tolerance for the different grades in the extended temperature range where max ΔT = 100 °C is shown below: C-grade: ±1.5% = ±0.5% ±100 ppm/°C × 100°C D-grade: ±2.5% = ±1.0% ±150 ppm/°C × 100°C E-grade: ±3.5% = ±2.0% ±150 ppm/°C × 100°C Therefore, as an example, the A-grade 2.5-V LM4040-N has an over-temperature Reverse Breakdown Voltage tolerance of ±2.5V × 0.75% = ±19 mV. (4) Load regulation is measured on pulse basis from no load to the specified load current. Output changes due to die temperature change must be taken into account separately. (5) Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature -40°C and the 25°C measurement after cycling to temperature +125°C. Copyright © 2000–2013, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: LM4040-N LM4040Q-N |
유사한 부품 번호 - LM4040AIM3-2.0 |
|
유사한 설명 - LM4040AIM3-2.0 |