전자부품 데이터시트 검색엔진 |
|
LM4040AIM3X-10 데이터시트(PDF) 10 Page - Texas Instruments |
|
LM4040AIM3X-10 데이터시트(HTML) 10 Page - Texas Instruments |
10 / 52 page LM4040-N, LM4040Q-N SNOS633H – OCTOBER 2000 – REVISED APRIL 2013 www.ti.com 2.5-V LM4040-N Electrical Characteristics VR Tolerance Grades 'C', 'D', and 'E'; Temperature Grade 'E' (AEC Grade 1) Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C. The grades C, D and E designate initial Reverse Breakdown Voltage tolerances of ±0.5%, ±1.0% and ±2.0%, respectively. LM4040CEM3 LM4040DEM3 LM4040EEM3 Typical(1 Symbol Parameter Conditions LM4040QCEM3 LM4040QDEM3 LM4040QEEM3 Units ) Limits(2) Limits(2) Limits(2) Reverse Breakdown IR = 100 μA 2.500 V Voltage VR ±12 ±25 ±50 mV (max) Reverse Breakdown IR = 100 μA Voltage Tolerance(3) ±38 ±63 ±88 mV (max) 45 μA Minimum Operating IRMIN 60 65 65 μA (max) Current 68 73 73 μA (max) Average Reverse IR = 10 mA ±20 ppm/°C Breakdown Voltage IR = 1 mA ±15 ±100 ±150 ±150 ppm/°C (max) ΔVR/ΔT Temperature IR = 100 μA ±15 ppm/°C Coefficient(3) 0.3 mV IRMIN ≤ IR ≤ 1 mA 0.8 1.0 1.0 mV (max) Reverse Breakdown 1.0 1.2 1.2 mV (max) Voltage Change with ΔVR/ΔIR Operating Current 2.5 mV Change(4) 1 mA ≤ IR ≤ 15 mA 6.0 8.0 8.0 mV (max) 8.0 10.0 10.0 mV (max) 0.3 Ω Reverse Dynamic IR = 1 mA, f = 120 Hz, ZR Impedance IAC = 0.1 IR 0.9 1.1 1.1 Ω (max) IR = 100 μA eN Wideband Noise 35 μVrms 10 Hz ≤ f ≤ 10 kHz Reverse Breakdown t = 1000 hrs ΔVR Voltage Long Term T = 25°C ±0.1°C 120 ppm Stability IR = 100 μA Thermal VHYST ΔT= −40°C to +125°C 0.08 % Hysteresis(5) (1) Typicals are at TJ = 25°C and represent most likely parametric norm. (2) Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control (SQC) methods. The limits are used to calculate AOQL. (3) The boldface (over-temperature) limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Voltage Tolerance ±[( ΔVR/ΔT)(maxΔT)(VR)]. Where, ΔVR/ΔT is the VR temperature coefficient, maxΔT is the maximum difference in temperature from the reference point of 25°C to T MIN or TMAX, and VR is the reverse breakdown voltage. The total over- temperature tolerance for the different grades in the industrial temperature range where max ΔT = 65°C is shown below: A-grade: ±0.75% = ±0.1% ±100 ppm/°C × 65°C B-grade: ±0.85% = ±0.2% ±100 ppm/°C × 65°C C-grade: ±1.15% = ±0.5% ±100 ppm/°C × 65°C D-grade: ±1.98% = ±1.0% ±150 ppm/°C × 65°C E-grade: ±2.98% = ±2.0% ±150 ppm/°C × 65°C The total over-temperature tolerance for the different grades in the extended temperature range where max ΔT = 100 °C is shown below: C-grade: ±1.5% = ±0.5% ±100 ppm/°C × 100°C D-grade: ±2.5% = ±1.0% ±150 ppm/°C × 100°C E-grade: ±3.5% = ±2.0% ±150 ppm/°C × 100°C Therefore, as an example, the A-grade 2.5-V LM4040-N has an over-temperature Reverse Breakdown Voltage tolerance of ±2.5V × 0.75% = ±19 mV. (4) Load regulation is measured on pulse basis from no load to the specified load current. Output changes due to die temperature change must be taken into account separately. (5) Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature -40°C and the 25°C measurement after cycling to temperature +125°C. 10 Submit Documentation Feedback Copyright © 2000–2013, Texas Instruments Incorporated Product Folder Links: LM4040-N LM4040Q-N |
유사한 부품 번호 - LM4040AIM3X-10 |
|
유사한 설명 - LM4040AIM3X-10 |