전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3671MFX-1.25 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM3671MFX-1.25
상세설명  LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3671MFX-1.25 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM3671MFX-1.25 Datasheet HTML 6Page - Texas Instruments LM3671MFX-1.25 Datasheet HTML 7Page - Texas Instruments LM3671MFX-1.25 Datasheet HTML 8Page - Texas Instruments LM3671MFX-1.25 Datasheet HTML 9Page - Texas Instruments LM3671MFX-1.25 Datasheet HTML 10Page - Texas Instruments LM3671MFX-1.25 Datasheet HTML 11Page - Texas Instruments LM3671MFX-1.25 Datasheet HTML 12Page - Texas Instruments LM3671MFX-1.25 Datasheet HTML 13Page - Texas Instruments LM3671MFX-1.25 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
0
100
200
300
400
500
600
OUTPUT CURRENT (mA)
1.48
1.5
1.52
1.54
VIN = 3.6V
VOUT = 1.5V
PFM Mode
PWM Mode
-10
10
30
50
70
90
TEMPERATURE (
oC)
1.4800
1.4850
1.4900
1.4950
1.5000
1.5050
1.5100
1.5150
1.5200
1.5250
1.5300
-30
PFM Mode
PWM Mode
IOUT = 300 mA
VIN = 3.6V
VOUT = 1.5V
IOUT = 600 mA
IOUT = 10 mA
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE(V)
1.4800
1.4900
1.5000
1.5100
1.5200
1.5300
= 10 mA
I OUT
= 1.5 V
OUT
V
= 300 mA
I OUT
= 500 mA
I OUT
= 600 mA
I OUT
LM3671
LM3671Q
SNVS294P – NOVEMBER 2004 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
LM3671MF/TL/LC, Circuit of Figure 1, VIN= 3.6V, VOUT= 1.5V, TA= 25°C, unless otherwise noted.
Output Voltage vs. Supply Voltage
Output Voltage vs. Supply Voltage
(VOUT = 1.5V)
(VOUT = 2.5V)
Figure 13.
Figure 14.
Output Voltage vs. Temperature
Output Voltage vs. Temperature
(VOUT = 1.5V)
(VOUT = 2.5V)
Figure 15.
Figure 16.
Output Voltage vs. Output Current
Output Voltage vs. Output Current
(VOUT = 1.5V)
(VOUT = 2.5V)
Figure 17.
Figure 18.
10
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM3671 LM3671Q


유사한 부품 번호 - LM3671MFX-1.25

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3671MFX-1.25 NSC-LM3671MFX-1.25 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3671MFX-1.25 NSC-LM3671MFX-1.25 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671MFX-1.25 NSC-LM3671MFX-1.25 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671MFX-1.25/NOPB TI1-LM3671MFX-1.25/NOPB Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
More results

유사한 설명 - LM3671MFX-1.25

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com