전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3671MFX-1.6 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LM3671MFX-1.6
상세설명  LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3671MFX-1.6 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM3671MFX-1.6 Datasheet HTML 7Page - Texas Instruments LM3671MFX-1.6 Datasheet HTML 8Page - Texas Instruments LM3671MFX-1.6 Datasheet HTML 9Page - Texas Instruments LM3671MFX-1.6 Datasheet HTML 10Page - Texas Instruments LM3671MFX-1.6 Datasheet HTML 11Page - Texas Instruments LM3671MFX-1.6 Datasheet HTML 12Page - Texas Instruments LM3671MFX-1.6 Datasheet HTML 13Page - Texas Instruments LM3671MFX-1.6 Datasheet HTML 14Page - Texas Instruments LM3671MFX-1.6 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
VOUT
40 Ps/DIV
3.6V
VIN
3.0V
20 mV/DIV
AC Coupled
VOUT = 1.5V
IOUT = 400 mA
0.10
1.00
10.00
100.00 1000.00
OUTPUT CURRENT (mA)
20
30
40
50
60
70
80
90
100
0.01
VIN = 2.7V
VIN = 2.7V
VIN = 4.5V
VIN = 3.6V
VOUT = 1.5V
0.10
1.00
10.00
100.00 1000.00
OUTPUT CURRENT (mA)
20
30
40
50
60
70
80
90
100
0.01
VIN = 3.0V
VIN = 3.0V
VIN = 4.5V
VIN = 3.6V
VOUT = 1.8V
LM3671
LM3671Q
www.ti.com
SNVS294P – NOVEMBER 2004 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
LM3671MF/TL/LC, Circuit of Figure 1, VIN= 3.6V, VOUT= 1.5V, TA= 25°C, unless otherwise noted.
Efficiency vs. Output Current
Efficiency vs. Output Current
(VOUT = 1.5V, L= 2.2 µH)
(VOUT = 1.8V, L= 2.2 µH)
Figure 19.
Figure 20.
Efficiency vs. Output Current
Efficiency vs. Output Current
(VOUT = 2.5V, L= 2.2 µH)
(VOUT = 3.3V, L= 2.2 µH)
Figure 21.
Figure 22.
Line Transient Response
Line Transient Response
VOUT = 1.5V (PWM Mode)
VOUT = 2.5V (PWM Mode)
Figure 23.
Figure 24.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3671 LM3671Q


유사한 부품 번호 - LM3671MFX-1.6

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3671MFX-1.6 NSC-LM3671MFX-1.6 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3671MFX-1.6 NSC-LM3671MFX-1.6 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671MFX-1.6 NSC-LM3671MFX-1.6 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671MFX-1.6/NOPB TI1-LM3671MFX-1.6/NOPB Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
More results

유사한 설명 - LM3671MFX-1.6

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com