전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33071DG 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 MC33071DG
상세설명  Single Supply 3.0 V to 44 V Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33071DG 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button MC33071DG Datasheet HTML 6Page - ON Semiconductor MC33071DG Datasheet HTML 7Page - ON Semiconductor MC33071DG Datasheet HTML 8Page - ON Semiconductor MC33071DG Datasheet HTML 9Page - ON Semiconductor MC33071DG Datasheet HTML 10Page - ON Semiconductor MC33071DG Datasheet HTML 11Page - ON Semiconductor MC33071DG Datasheet HTML 12Page - ON Semiconductor MC33071DG Datasheet HTML 13Page - ON Semiconductor MC33071DG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
MC34071,2,4,A MC33071,2,4,A, NCV33072,4,A
http://onsemi.com
10
Figure 34. Supply Current versus
Supply Voltage
Figure 35. Power Supply Rejection
versus Temperature
Figure 36. Channel Separation versus Frequency
Figure 37. Input Noise versus Frequency
VCC, |VEE|, SUPPLY VOLTAGE (V)
0
5.0
10
15
20
25
TA = 25°C
TA = 125°C
TA = -55°C
TA, AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
75
100
125
VCC = +15 V
VEE = -15 V
(
DVCC = +1.5 V)
(
DVEE = +1.5 V)
+PSR
-PSR
f, FREQUENCY (kHz)
10
20
30
50
70
100
200
300
VCC = +15 V
VEE = -15 V
TA = 25°C
f, FREQUENCY (kHz)
10
100
1.0 k
10 k
100 k
Voltage
Current
9.0
8.0
7.0
6.0
5.0
4.0
105
95
85
75
65
120
100
80
60
40
20
0
70
60
50
40
30
20
10
0
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
DVO
ADM
+
-
DVCC
DVEE
DVO/ADM
DVCC
+PSR = 20 Log
DVO/ADM
DVEE
-PSR = 20 Log
VCC = +15 V
VEE = -15 V
VCM = 0
TA = 25°C
Quad device
APPLICATIONS INFORMATION
CIRCUIT DESCRIPTION/PERFORMANCE FEATURES
Although the bandwidth, slew rate, and settling time of the
MC34071 amplifier series are similar to op amp products
utilizing JFET input devices, these amplifiers offer other
additional distinct advantages as a result of the PNP
transistor differential input stage and an all NPN transistor
output stage.
Since the input common mode voltage range of this input
stage includes the VEE potential, single supply operation is
feasible to as low as 3.0 V with the common mode input
voltage at ground potential.
The input stage also allows differential input voltages up
to
±44 V, provided the maximum input voltage range is not
exceeded. Specifically, the input voltages must range
between VEE and VCC supply voltages as shown by the
maximum rating table. In practice, although not
recommended, the input voltages can exceed the VCC
voltage by approximately 3.0 V and decrease below the VEE
voltage by 0.3 V without causing product damage, although
output phase reversal may occur. It is also possible to source
up to approximately 5.0 mA of current from VEE through
either inputs clamping diode without damage or latching,
although phase reversal may again occur.
If one or both inputs exceed the upper common mode
voltage limit, the amplifier output is readily predictable and
may be in a low or high state depending on the existing input
bias conditions.
Since the input capacitance associated with the small
geometry input device is substantially lower (2.5 pF) than
the typical JFET input gate capacitance (5.0 pF), better
frequency response for a given input source resistance can
be achieved using the MC34071 series of amplifiers. This
performance feature becomes evident, for example, in fast
settling D−to−A current to voltage conversion applications
where the feedback resistance can form an input pole with
the input capacitance of the op amp. This input pole creates
a 2nd order system with the single pole op amp and is
therefore detrimental to its settling time. In this context,
lower input capacitance is desirable especially for higher


유사한 부품 번호 - MC33071DG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33071DG ONSEMI-MC33071DG Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC33071DG ONSEMI-MC33071DG Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC33071DG ONSEMI-MC33071DG Datasheet
252Kb / 26P
   Operational Amplifiers
July, 2014 ??Rev. 22
More results

유사한 설명 - MC33071DG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33074ADG ONSEMI-MC33074ADG Datasheet
268Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
May, 2013 ??Rev. 19
MC34071 ONSEMI-MC34071_06 Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC34071 ONSEMI-MC34071 Datasheet
268Kb / 22P
   Single Supply 3.0 V to 44 V Operational Amplifiers
April, 2004 ??Rev. 8
MC34071A ONSEMI-MC34071A_10 Datasheet
275Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2010 ??Rev. 16
MC34071 ONSEMI-MC34071_V01 Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
MC33074ADR2G ONSEMI-MC33074ADR2G Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC33171 ONSEMI-MC33171_06 Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
logo
Texas Instruments
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com