전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB18N65M5 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STB18N65M5
상세설명  N-channel 650 V, 0.198typ., 15 A MDmesh??V Power MOSFET in D짼PAK and DPAK packages
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB18N65M5 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button STB18N65M5 Datasheet HTML 4Page - STMicroelectronics STB18N65M5 Datasheet HTML 5Page - STMicroelectronics STB18N65M5 Datasheet HTML 6Page - STMicroelectronics STB18N65M5 Datasheet HTML 7Page - STMicroelectronics STB18N65M5 Datasheet HTML 8Page - STMicroelectronics STB18N65M5 Datasheet HTML 9Page - STMicroelectronics STB18N65M5 Datasheet HTML 10Page - STMicroelectronics STB18N65M5 Datasheet HTML 11Page - STMicroelectronics STB18N65M5 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical characteristics
STB18N65M5, STD18N65M5
8/18
Doc ID 023446 Rev 1
Figure 14.
Drain-source diode forward
characteristics
Figure 15.
Normalized BVDSS vs temperature
Figure 16.
Switching losses vs gate resistance
(1)
1.
Eon including reverse recovery of a SiC diode
VSD
0
20
ISD(A)
(V)
10
50
30
40
0
0.2
0.4
0.6
0.8
1.0
1.2
TJ=-50°C
TJ=150°C
TJ=25°C
AM05461v1
VDS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.92
0.94
0.96
0.98
1.00
1.04
1.06
1.02
ID = 1mA
1.08
AM10399v1
E
0
0
20
RG(
Ω)
(
μJ)
10
30
20
40
40
ID=9.5A
VDD=400V
Eon
Eoff
60
VGS=10V
80
100
120
140
160
AM12485v1


유사한 부품 번호 - STB18N65M5

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STB18N65M5 STMICROELECTRONICS-STB18N65M5 Datasheet
1,021Kb / 18P
   N-channel 650 V, 0.198 廓 typ., 15 A MDmesh??V Power MOSFET in D짼PAK and DPAK packages
logo
Inchange Semiconductor ...
STB18N65M5 ISC-STB18N65M5 Datasheet
289Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

유사한 설명 - STB18N65M5

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STB18N65M5 STMICROELECTRONICS-STB18N65M5 Datasheet
1,021Kb / 18P
   N-channel 650 V, 0.198 廓 typ., 15 A MDmesh??V Power MOSFET in D짼PAK and DPAK packages
STB16N65M5 STMICROELECTRONICS-STB16N65M5 Datasheet
1Mb / 19P
   N-channel 650 V, 0.230 廓, 12 A MDmesh??V Power MOSFET in D짼PAK, DPAK
STP18N65M5 STMICROELECTRONICS-STP18N65M5 Datasheet
954Kb / 19P
   N-channel 650 V, 0.198 typ., 15 A MDmesh V Power MOSFET in TO-220FP, IPAK, TO-220 and TO-247 packages
STW57N65M5 STMICROELECTRONICS-STW57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 廓 typ., 42 A MDmesh??V Power MOSFET in I짼PAK, TO-220, TO-220FP and D짼PAK packages
STF57N65M5 STMICROELECTRONICS-STF57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 廓 typ., 42 A MDmesh??V Power MOSFET in I짼PAK, TO-220, TO-220FP and D짼PAK packages
STF11N65M5 STMICROELECTRONICS-STF11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 廓 typ., 9 A MDmesh??V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
December 2012 Rev 2
STD14NM50N STMICROELECTRONICS-STD14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
STB14NM50N STMICROELECTRONICS-STB14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
STP11NM65N STMICROELECTRONICS-STP11NM65N Datasheet
1Mb / 21P
   N-channel 650 V, 0.425 廓 typ., 11 A MDmesh?줚I Power MOSFET in DPAK, TO-220FP, I짼PAKFP and TO-220 packages
STFW69N65M5 STMICROELECTRONICS-STFW69N65M5 Datasheet
672Kb / 16P
   N-channel 650 V, 0.037 廓 typ., 58 A MDmesh??V Power MOSFET in TO-3PF and TO-247 packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com