전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STY145N65M5 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STY145N65M5
상세설명  N-channel 650 V, 0.012typ., 138 A, MDmesh??V Power MOSFET in Max247 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STY145N65M5 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button STY145N65M5 Datasheet HTML 2Page - STMicroelectronics STY145N65M5 Datasheet HTML 3Page - STMicroelectronics STY145N65M5 Datasheet HTML 4Page - STMicroelectronics STY145N65M5 Datasheet HTML 5Page - STMicroelectronics STY145N65M5 Datasheet HTML 6Page - STMicroelectronics STY145N65M5 Datasheet HTML 7Page - STMicroelectronics STY145N65M5 Datasheet HTML 8Page - STMicroelectronics STY145N65M5 Datasheet HTML 9Page - STMicroelectronics STY145N65M5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STY145N65M5
6/13
Doc ID 023718 Rev 2
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Single pulse
δ=0.5
Zth=k Rthj-c
δ=tp/τ
tp
τ
AM09125v1
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Gate charge vs gate-source voltage Figure 7.
Static drain-source on-resistance


유사한 부품 번호 - STY145N65M5

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STY140NS10 STMICROELECTRONICS-STY140NS10 Datasheet
254Kb / 8P
   N-CHANNEL 100V - 0.009 ohm - 140A MAX247??MESH OVERLAY??POWER MOSFET
More results

유사한 설명 - STY145N65M5

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STY139N65M5 STMICROELECTRONICS-STY139N65M5 Datasheet
971Kb / 13P
   N-channel 650 V, 0.014 廓 typ., 130 A, MDmesh??V Power MOSFET in Max247 package
STY112N65M5 STMICROELECTRONICS-STY112N65M5 Datasheet
856Kb / 12P
   N-channel 650 V, 0.019 廓, 96 A, MDmesh??V Power MOSFET in Max247 package
STY105NM50N STMICROELECTRONICS-STY105NM50N Datasheet
907Kb / 13P
   N-channel 500 V, 0.019 廓 typ., 110 A, MDmesh??II Power MOSFET in a Max247 package
July 2013 Rev 3
STW57N65M5-4 STMICROELECTRONICS-STW57N65M5-4 Datasheet
1Mb / 14P
   N-channel 650 V, 0.056 廓 typ., 42 A, MDmesh??V Power MOSFET in a TO247-4 package
STFI20NM65N STMICROELECTRONICS-STFI20NM65N Datasheet
783Kb / 12P
   N-channel 650 V, 15 A, 0.250 廓 typ., MDmesh??II Power MOSFET in a I짼PAKFP package
December 2013 Rev 1
STL57N65M5 STMICROELECTRONICS-STL57N65M5 Datasheet
1Mb / 16P
   N-channel 650 V, 0.061 廓 typ., 22.5 A MDmesh??V Power MOSFET in a PowerFLAT??8x8 HV package
STW56N65DM2 STMICROELECTRONICS-STW56N65DM2 Datasheet
719Kb / 12P
   N-channel 650 V, 0.058 廓 typ., 48 A MDmesh??DM2 Power MOSFET in a TO-247 package
September 2015 Rev 2
STF40N65M2 STMICROELECTRONICS-STF40N65M2 Datasheet
441Kb / 13P
   N-channel 650 V, 0.087 廓 typ., 32 A MDmesh??M2 Power MOSFET in a TO-220FP package
February 2015 Rev 1
STE139N65M5 STMICROELECTRONICS-STE139N65M5 Datasheet
1,021Kb / 13P
   N-channel 650 V, 0.014 (ohm) typ., 130 A, MDmesh V Power MOSFET in a ISOTOP package
STL45N65M5 STMICROELECTRONICS-STL45N65M5 Datasheet
878Kb / 16P
   N-channel 650 V, 0.075 廓 typ., 22.5 A MDmesh??M5 Power MOSFET in a PowerFLAT??8x8 HV package
October 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com