전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC6B595DW 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TPIC6B595DW
상세설명  POWER LOGIC 8-BIT SHIFT REGISTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6B595DW 데이터시트(HTML) 3 Page - Texas Instruments

  TPIC6B595DW Datasheet HTML 1Page - Texas Instruments TPIC6B595DW Datasheet HTML 2Page - Texas Instruments TPIC6B595DW Datasheet HTML 3Page - Texas Instruments TPIC6B595DW Datasheet HTML 4Page - Texas Instruments TPIC6B595DW Datasheet HTML 5Page - Texas Instruments TPIC6B595DW Datasheet HTML 6Page - Texas Instruments TPIC6B595DW Datasheet HTML 7Page - Texas Instruments TPIC6B595DW Datasheet HTML 8Page - Texas Instruments TPIC6B595DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TPIC6B595
POWER LOGIC 8BIT SHIFT REGISTER
SLIS032A − JULY 1995 − REVISED MAY 2005
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
schematic of inputs and outputs
EQUIVALENT OF EACH INPUT
TYPICAL OF ALL DRAIN OUTPUTS
VCC
Input
GND
GND
DRAIN
50 V
20 V
25 V
12 V
absolute maximum ratings over recommended operating case temperature range (unless
otherwise noted)
Logic supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Logic input voltage range, VI
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power DMOS drain-to-source voltage, VDS (see Note 2)
50 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous source-to-drain diode anode current
500 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed source-to-drain diode anode current (see Note 3)
1 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed drain current, each output, all outputs on, ID, TC = 25°C (see Note 3)
500 mA
. . . . . . . . . . . . . . . . . . .
Continuous drain current, each output, all outputs on, ID, TC = 25°C
150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak drain current single output, IDM,TC = 25°C (see Note 3)
500 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Single-pulse avalanche energy, EAS (see Figure 4)
30 mJ
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Avalanche current, IAS (see Note 4)
500 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
−40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to GND.
2. Each power DMOS source is internally connected to GND.
3. Pulse duration
≤ 100 µs and duty cycle ≤ 2%.
4. DRAIN supply voltage = 15 V, starting junction temperature (TJS) = 25°C, L = 200 mH, IAS = 0.5 A (see Figure 4).
DISSIPATION RATING TABLE
PACKAGE
TC ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TC = 25°C
TC = 125°C
POWER RATING
DW
1389 mW
11.1 mW/
°C
278 mW
N
1050 mW
10.5 mW/
°C
263 mW


유사한 부품 번호 - TPIC6B595DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC6B595DW TI-TPIC6B595DW Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595DW TI1-TPIC6B595DW Datasheet
1Mb / 26P
[Old version datasheet]   Power Logic 8-Bit Shift Register
TPIC6B595DWG4 TI1-TPIC6B595DWG4 Datasheet
1Mb / 26P
[Old version datasheet]   Power Logic 8-Bit Shift Register
TPIC6B595DWR TI1-TPIC6B595DWR Datasheet
1Mb / 26P
[Old version datasheet]   Power Logic 8-Bit Shift Register
TPIC6B595DWRG4 TI1-TPIC6B595DWRG4 Datasheet
1Mb / 26P
[Old version datasheet]   Power Logic 8-Bit Shift Register
More results

유사한 설명 - TPIC6B595DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com