전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS1120 데이터시트(PDF) 2 Page - Texas Instruments

부품명 TPS1120
상세설명  DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1120 데이터시트(HTML) 2 Page - Texas Instruments

  TPS1120_08 Datasheet HTML 1Page - Texas Instruments TPS1120_08 Datasheet HTML 2Page - Texas Instruments TPS1120_08 Datasheet HTML 3Page - Texas Instruments TPS1120_08 Datasheet HTML 4Page - Texas Instruments TPS1120_08 Datasheet HTML 5Page - Texas Instruments TPS1120_08 Datasheet HTML 6Page - Texas Instruments TPS1120_08 Datasheet HTML 7Page - Texas Instruments TPS1120_08 Datasheet HTML 8Page - Texas Instruments TPS1120_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TPS1120, TPS1120Y
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
SLVS080A – MARCH 1994 – REVISED AUGUST 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
schematic
1GATE
1SOURCE
1DRAIN†
ESD-
Protection
Circuitry
2GATE
2SOURCE
2DRAIN†
ESD-
Protection
Circuitry
† For all applications, both drain pins for each device should be connected.
TPS1120Y chip information
This chip, when properly assembled, displays characteristics similar to the TPS1120C. Thermal compression
or ultrasonic bonding may be used on the doped aluminum bonding pads. The chip may be mounted with
conductive epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 MILS TYPICAL
BONDING PADS: 4
× 4 MILS MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%
ALL DIMENSIONS ARE IN MILS
TPS1120Y
(2)
(6)
(1)
(3)
(7)
(8)
(5)
(4)
1DRAIN
1SOURCE
1GATE
2SOURCE
2GATE
1DRAIN
2DRAIN
2DRAIN
57
64
(2)
(1)
(3)
(4)
(6)
(7)
(8)
(5)


유사한 부품 번호 - TPS1120_08

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS1120D TI-TPS1120D Datasheet
180Kb / 12P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
VBsemi Electronics Co.,...
TPS1120DRG4 VBSEMI-TPS1120DRG4 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Texas Instruments
TPS1120Y TI-TPS1120Y Datasheet
180Kb / 12P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120YD TI-TPS1120YD Datasheet
180Kb / 12P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results

유사한 설명 - TPS1120_08

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS1120 TI-TPS1120 Datasheet
180Kb / 12P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
List of Unclassifed Man...
TD2001Y ETC1-TD2001Y Datasheet
88Kb / 2P
   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM4955GM SSC-SSM4955GM Datasheet
521Kb / 5P
   Dual P-channel Enhancement-mode Power MOSFETs
SSM4957 SSC-SSM4957 Datasheet
234Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Dongguan City Niuhang E...
NH2305A NIUHANG-NH2305A Datasheet
3Mb / 9P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Guilin Strong Micro-Ele...
GMS2301 GSME-GMS2301 Datasheet
268Kb / 3P
   P-Channel Enhancement-Mode MOSFETs
logo
Dongguan City Niuhang E...
NH2301 NIUHANG-NH2301 Datasheet
3Mb / 8P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH3401 NIUHANG-NH3401 Datasheet
2Mb / 3P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM9930M SSC-SSM9930M Datasheet
343Kb / 8P
   DUAL N- AND DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Texas Instruments
TPS1101 TI-TPS1101 Datasheet
161Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com