전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS1101PWRG4 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TPS1101PWRG4
상세설명  SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1101PWRG4 데이터시트(HTML) 1 Page - Texas Instruments

  TPS1101PWRG4 Datasheet HTML 1Page - Texas Instruments TPS1101PWRG4 Datasheet HTML 2Page - Texas Instruments TPS1101PWRG4 Datasheet HTML 3Page - Texas Instruments TPS1101PWRG4 Datasheet HTML 4Page - Texas Instruments TPS1101PWRG4 Datasheet HTML 5Page - Texas Instruments TPS1101PWRG4 Datasheet HTML 6Page - Texas Instruments TPS1101PWRG4 Datasheet HTML 7Page - Texas Instruments TPS1101PWRG4 Datasheet HTML 8Page - Texas Instruments TPS1101PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TPS1101, TPS1101Y
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
SLVS079C – DECEMBER 1993 – REVISED AUGUST 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low rDS(on) . . . 0.09 Ω Typ at VGS = –10 V
D 3 V Compatible
D Requires No External VCC
D TTL and CMOS Compatible Inputs
D VGS(th) = –1.5 V Max
D Available in Ultrathin TSSOP Package (PW)
D ESD Protection Up to 2 kV per
MIL-STD-883C, Method 3015
description
The TPS1101 is a single, low-rDS(on), P-channel,
enhancement-mode MOSFET. The device has
been optimized for 3-V or 5-V power distribution
in battery-powered systems by means of the
Texas Instruments LinBiCMOS
™ process. With a
maximum VGS(th) of –1.5 V and an IDSS of only
0.5
µA, the TPS1101 is the ideal high-side switch
for low-voltage, portable battery-management
systems where maximizing battery life is a primary
concern. The low rDS(on) and excellent ac
characteristics (rise time 5.5 ns typical) of the
TPS1101
make
it
the
logical
choice
for
low-voltage switching applications such as power
switches
for
pulse-width-modulated
(PWM)
controllers or motor/bridge drivers.
The ultrathin thin shrink small-outline package or
TSSOP (PW) version fits in height-restricted
places where other P-channel MOSFETs cannot.
The size advantage is especially important where
board height restrictions do not allow for an
small-outline integrated circuit (SOIC) package.
Such applications include notebook computers,
personal
digital
assistants
(PDAs),
cellular
telephones, and PCMCIA cards. For existing designs, the D-packaged version has a pinout common with other
P-channel MOSFETs in SOIC packages.
AVAILABLE OPTIONS
PACKAGED DEVICES†
CHIP FORM
TJ
SMALL OUTLINE
(D)
TSSOP
(PW)
CHIP FORM
(Y)
–40
°C to 150°C
TPS1101D
TPS1101PWLE
TPS1101Y
† The D package is available taped and reeled. Add an R suffix to device type (e.g.,
TPS1101DR). The PW package is only available left-end taped and reeled (indicated by
the LE suffix on the device type; e.g., TPS1101PWLE). The chip form is tested at 25
°C.
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinBiCMOS is a trademark of Texas Instruments Incorporated.
1
2
3
4
8
7
6
5
SOURCE
SOURCE
SOURCE
GATE
DRAIN
DRAIN
DRAIN
DRAIN
D PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
SOURCE
SOURCE
SOURCE
SOURCE
SOURCE
GATE
NC
NC
DRAIN
DRAIN
DRAIN
DRAIN
DRAIN
DRAIN
NC
PW PACKAGE
(TOP VIEW)
NC – No internal connection
D PACKAGE
PW PACKAGE


유사한 부품 번호 - TPS1101PWRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS1101PW TI-TPS1101PW Datasheet
161Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1101PWLE TI-TPS1101PWLE Datasheet
161Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results

유사한 설명 - TPS1101PWRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS1101 TI-TPS1101 Datasheet
161Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1100DR TI1-TPS1100DR Datasheet
700Kb / 14P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1100 TI-TPS1100 Datasheet
155Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Dongguan City Niuhang E...
NH2305A NIUHANG-NH2305A Datasheet
3Mb / 9P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Guilin Strong Micro-Ele...
GMS2301 GSME-GMS2301 Datasheet
268Kb / 3P
   P-Channel Enhancement-Mode MOSFETs
logo
Dongguan City Niuhang E...
NH2301 NIUHANG-NH2301 Datasheet
3Mb / 8P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH3401 NIUHANG-NH3401 Datasheet
2Mb / 3P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Texas Instruments
TPS1120 TI-TPS1120 Datasheet
180Kb / 12P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120 TI1-TPS1120_08 Datasheet
379Kb / 15P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM4953M SSC-SSM4953M Datasheet
115Kb / 6P
   P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com