전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC2543N 데이터시트(PDF) 4 Page - Texas Instruments

부품명 UC2543N
상세설명  Power Supply Supervisory Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC2543N 데이터시트(HTML) 4 Page - Texas Instruments

  UC2543N Datasheet HTML 1Page - Texas Instruments UC2543N Datasheet HTML 2Page - Texas Instruments UC2543N Datasheet HTML 3Page - Texas Instruments UC2543N Datasheet HTML 4Page - Texas Instruments UC2543N Datasheet HTML 5Page - Texas Instruments UC2543N Datasheet HTML 6Page - Texas Instruments UC2543N Datasheet HTML 7Page - Texas Instruments UC2543N Datasheet HTML 8Page - Texas Instruments UC2543N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
UC1543
,, UC1544
UC2543, UC2544
UC3543, UC3544
SLUS188A – APRIL 1997 – REVISED FEBRUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise stated, these specifications apply for T
A = -55°C to 125°C for theUC1543 and UC1544; -25°C to 85°C for
the UC2543 and UC2544; and 0°C to 70°C for the UC3543 and UC3544. Electrical tests are performed with V
IN = 10 V and
2-k
Ω pull-up resistors on all indicator outputs. All electrical specifications for the UC1544, UC2544, and UC3544 devices are
tested with the inverting over-voltage input and the non-inverting under-voltage input externallyconnected to the 2.5 V
reference. T
A = TJ.
Current Limit Section
Input voltage range
0
VIN -3V
0
VIN -3V
V
Input Bias Current
Offset pin open, VCM = 0
-0.3
-1.0
-0.3
-1.0
µA
Offset pin open, VCM = 0
0
10
0
10
Input offset voltage
mV
10k from offset pin to GND
80
100
120
80
100
120
CMRR
0
≤ V
CM≤ 12 V, VIN = 15 V
60
70
60
70
Offset pin open, VCM = 0
dB
V,
AVOL
72
80
72
80
RL = 10 kΩ to 15 kΩ,
VOUT = 1 to 6 V
Output saturation
IL = 10 mA
0.2
0.5
0.2
0.5
V
Output leakage
VIND = 40 V
0.01
1.0
0.01
1.0
µA
Small signal bandwidth
AV = 0dB, TJ = 25°C
5
5
MHz
VOVERDRIVE = 100 mV,
Propagation delay
200
200
ns
TJ = 25°C
Figure 1.
Figure 2.
4
Submit Documentation Feedback


유사한 부품 번호 - UC2543N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2543N TI-UC2543N Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC2543NG4 TI-UC2543NG4 Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
More results

유사한 설명 - UC2543N

제조업체부품명데이터시트상세설명
logo
Seme LAB
IP1543 SEME-LAB-IP1543 Datasheet
91Kb / 7P
   POWER SUPPLY SUPERVISORY CIRCUIT
logo
Texas Instruments
UC1544N TI-UC1544N Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI1-UC1543_16 Datasheet
1Mb / 19P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI-UC1543 Datasheet
455Kb / 6P
[Old version datasheet]   Power Supply Supervisory Circuit
logo
Microsemi Corporation
SG1543 MICROSEMI-SG1543 Datasheet
118Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
SG1543 MICROSEMI-SG1543_1 Datasheet
244Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
logo
Maxim Integrated Produc...
MAX6886 MAXIM-MAX6886_12 Datasheet
144Kb / 13P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 1; 1/12
MAX6886 MAXIM-MAX6886 Datasheet
226Kb / 14P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 0; 2/05
logo
ON Semiconductor
MC3425 ONSEMI-MC3425 Datasheet
170Kb / 12P
   POWER SUPPLY SUPERVISORY/ OVER AND UNDERVOLTAGE PROTECTION CIRCUIT
1996 REV 2
logo
Unisonic Technologies
3521 UTC-3521_10 Datasheet
210Kb / 6P
   PWM CONTROLLER WITH SUPERVISORY CIRCUIT FOR SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com