전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC1G14GW 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74AHC1G14GW
상세설명  Inverting Schmitt trigger
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC1G14GW 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74AHC1G14GW Datasheet HTML 4Page - NXP Semiconductors 74AHC1G14GW Datasheet HTML 5Page - NXP Semiconductors 74AHC1G14GW Datasheet HTML 6Page - NXP Semiconductors 74AHC1G14GW Datasheet HTML 7Page - NXP Semiconductors 74AHC1G14GW Datasheet HTML 8Page - NXP Semiconductors 74AHC1G14GW Datasheet HTML 9Page - NXP Semiconductors 74AHC1G14GW Datasheet HTML 10Page - NXP Semiconductors 74AHC1G14GW Datasheet HTML 11Page - NXP Semiconductors 74AHC1G14GW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
74AHC_AHCT1G14_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 18 May 2009
8 of 15
NXP Semiconductors
74AHC1G14; 74AHCT1G14
Inverting Schmitt trigger
Fig 9.
Typical 74AHC1G14 transfer characteristics;
VCC = 3.0 V
Fig 10. Typical 74AHC1G14 transfer characteristics;
VCC = 4.5 V
0
01
3
1.5
0.5
1
mna401
2
VI (V)
ICC
(mA)
05
VI (V)
ICC
(mA)
5
0
1
mna402
2
3
4
1234
Fig 11. Typical 74AHC1G14 transfer characteristics; VCC = 5.5 V
02
6
8
0
2
4
6
mna403
4
VI (V)
ICC
(mA)


유사한 부품 번호 - 74AHC1G14GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC1G14GW PHILIPS-74AHC1G14GW Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC1G14GW NXP-74AHC1G14GW Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14GW NEXPERIA-74AHC1G14GW Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
74AHC1G14GW-Q100 NEXPERIA-74AHC1G14GW-Q100 Datasheet
802Kb / 17P
   Inverting Schmitt trigger
74AHC1G14GW-Q100 NEXPERIA-74AHC1G14GW-Q100 Datasheet
259Kb / 14P
   Inverting Schmitt trigger
Rev. 4 - 12 January 2022
More results

유사한 설명 - 74AHC1G14GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com