전자부품 데이터시트 검색엔진 |
|
74HC4053PW 데이터시트(PDF) 6 Page - NXP Semiconductors |
|
74HC4053PW 데이터시트(HTML) 6 Page - NXP Semiconductors |
6 / 32 page 74HC_HCT4053 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 8 — 19 July 2012 6 of 32 NXP Semiconductors 74HC4053; 74HCT4053 Triple 2-channel analog multiplexer/demultiplexer [3] For SO16 packages: above 70 C the value of P tot derates linearly with 8 mW/K. For SSOP16 and TSSOP16 packages: above 60 C the value of P tot derates linearly with 5.5 mW/K. For DHVQFN16 packages: above 60 C the value of P tot derates linearly with 4.5 mW/K. 9. Recommended operating conditions Table 5. Recommended operating conditions Symbol Parameter Conditions 74HC4053 74HCT4053 Unit Min Typ Max Min Typ Max VCC supply voltage see Figure 7 and Figure 8 VCC GND 2.0 5.0 10.0 4.5 5.0 5.5 V VCC VEE 2.0 5.0 10.0 2.0 5.0 10.0 V VI input voltage GND - VCC GND - VCC V VSW switch voltage VEE -VCC VEE -VCC V Tamb ambient temperature 40 +25 +125 40 +25 +125 C t/V input transition rise and fall rate VCC = 2.0 V - - 625 - - - ns/V VCC = 4.5 V - 1.67 139 - 1.67 139 ns/V VCC =6.0 V - - 83 - - - ns/V VCC = 10.0 V - - 31 - - - ns/V Fig 7. Guaranteed operating area as a function of the supply voltages for 74HC4053 Fig 8. Guaranteed operating area as a function of the supply voltages for 74HCT4053 VCC − VEE (V) 010 8 46 2 001aad545 4 6 2 8 10 0 operating area VCC − GND (V) VCC − VEE (V) 010 8 46 2 001aad546 4 6 2 8 10 0 VCC − GND (V) operating area |
유사한 부품 번호 - 74HC4053PW |
|
유사한 설명 - 74HC4053PW |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |