전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDT-21W 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FDT-21W
상세설명  Wall Mount Ultrasonic FlowMeter For Clean Liquids
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDT-21W 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FDT-21W Datasheet HTML 1Page - Fairchild Semiconductor FDT-21W Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E-2
Model No.
Description
Weight g (oz)
Pipe Size mm (inch)
FDT-21-S1
Replacement small pipe standard transducer
75 (2.6)
20 to 100 (0.75 to 4)
FDT-21-S1H
Replacement small pipe high temperature transducer
94 (3.3)
20 to 100 (0.75 to 4)
FDT-21-HS
Small pipe aluminum transducer
250 (8.8)
20 to 100 (0.75 to 4)
FDT-21-HM
Medium pipe aluminum transducer
1080 (38)
50 to 700 (2 to 28)
FDT-21-M1
Medium pipe standard transducer
250 (8.8)
50 to 700 (2 to 28)
FDT-21-M1H
Medium pipe high temperature transducer
150 (5.3)
50 to 700 (2 to 28)
FDT-21-L1
Large pipe standard transducer
650 (23)
300 to 6000 (12 to 236)
FDT-21-GREASE-S1
Replacement acoustic gel for standard transducers
FDT-21-GREASE-S1H
Replacement acoustic gel for high-temperature transducers
To Order Visit omega.com/fdt21w for Pricing and Details
Model No.
Description
FDT-21W
Wall mount transit-time ultrasonic flowmeter (includes S1 and S1H transducers)
Accessories
Ordering Example: FDT-21W, wall mount transit-time ultrasonic flowmeter.
Parameters
HS-Type
HM-Type
S1-Type
M1-Type
L1-Type
S1H-Type
M1H-Type
Pipe Size (mm)
20 to 100DN
50 to 100DN
20 to 100DN
50 to 700DN 300 to 6000DN
20 to 100DN
50 to 700DN
Pipe Size (inch)
³⁄₄
to 4
2 to 28
³⁄₄
to 4
2 to 28
12 to 240
³⁄₄
to 4
2 to 28
Material
Aluminum alloy
ABS
Special
high-temperature materials
Frequency
1 MHz
Calibration
Calibrate with the main unit
Magnetism
Magnetic
Non-magnetic
Temperature
0 to 70°C (32 to 158°F)
0 to 160°C (32 to 320°F)
Protection Class
NEMA 4 (IP65)
Dimensions (mm) 200 x 25 x 25
280 x 40 x 40
45 x 30 x 30
60 x 45 x 45
80 x 70 x 55
90 x 85 x 24
90 x 82 x 29
Weight g (oz)
250 (8.8)
1080 (38)
75 (2.6)
250 (8.8)
650 (23)
94 (3.3)
150 (5.3)
Liquid Types
Fresh water, salt water, chemical liquids, oil, crude oil, alcohol, beer, etc.
Suspension
Concentration
≤20,000 ppm, may contain very small amount of air bubbles
Pipe Material
All metals, most plastics, fiberglass, etc.
Dedicated
Shielded
Standard length 5 meter x 2, can be extended to 10 meter x 2 or 15 meter x 2
Transducer Cable
Comes complete with small pipe standard and high temperature transducers (S1 and S1H), acoustic gel, tape measure, RS232 cable,
transducer cable, tranducer clamps, alan wrench, terminal lugs, shrink tubing and operator’s manual.
FDT-21-GREASE-S1 and
FDT-21-GREASE-S1H
acoustic gel
FDT-21-S1 and
FDT-21-S1H tranducers
FDT-21W-TC
tranducer clamps
Alan wrench
FDT-21W-SL
terminal lugs
FDT-21W-TUBE
shrink tubing
All models shown
smaller than actual size.
Accessories included


유사한 부품 번호 - FDT-21W

제조업체부품명데이터시트상세설명
logo
Merrimac Industries, In...
FDT-500A MERRIMAC-FDT-500A Datasheet
237Kb / 2P
   FREQUENCY DOUBLERS
More results

유사한 설명 - FDT-21W

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FHG-1000 ETC2-FHG-1000 Datasheet
383Kb / 2P
   SCREW GEAR FLOWMETER For High Viscosity Liquids
logo
Fuji Electric
EDS6-123I FUJI-EDS6-123I Datasheet
907Kb / 8P
   ULTRASONIC FLOWMETER < M-Flow PW>
EDS6-58F FUJI-EDS6-58F Datasheet
589Kb / 6P
   PORTABLE TYPE ULTRASONIC FLOWMETER(PORTAFLOW)
EDSX6-140D FUJI-EDSX6-140D Datasheet
1Mb / 12P
   ULTRASONIC FLOWMETER
EDSX6-95F FUJI-EDSX6-95F Datasheet
245Kb / 8P
   PORTABLE TYPE ULTRASONIC FLOWMETER(PORTAFLOWX)
EDSX6-111E FUJI-EDSX6-111E Datasheet
293Kb / 8P
   ULTRASONIC FLOWMETER < TIME DELTAF (Flexible Type)>
EDS6-141D FUJI-EDS6-141D Datasheet
1,019Kb / 12P
   ULTRASONIC FLOWMETER(2-Path System type)
EDSX6-71L FUJI-EDSX6-71L Datasheet
276Kb / 8P
   ULTRASONIC FLOWMETER < TIME DELTAS (Standard Type)>
EDSX6-139H FUJI-EDSX6-139H Datasheet
1Mb / 12P
   PORTABLE TYPE ULTRASONIC FLOWMETER (PORTAFLOW-C)
logo
Endress+Hauser Group Se...
TI01266F EH-TI01266F Datasheet
1Mb / 44P
   Level measurement for liquids
2020-08-17
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com