전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-0314 데이터시트(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-0314
상세설명  0.4 Amp Output Current IGBT Gate Drive Optocoupler High speed response
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0314 데이터시트(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-0314 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
0
0
TS – CASE TEMPERATURE – °C
200
600
400
25
800
50
75 100
200
150 175
PS (mW)
125
100
300
500
700
IS (mA)
Insulation and Safety Related Specifications
Parameter
Symbol
HCPL-3140
HCPL-0314
Units
Conditions
Minimum External Air Gap
L(101)
7.1
4.9
mm
Measured from input terminals
(Clearance)
to output terminals, shortest
distance through air.
Minimum External Tracking
L(102)
7.4
4.8
mm
Measured from input terminals
(Creepage)
to output terminals, shortest
distance path along body.
Minimum Internal Plastic Gap
0.08
0.08
mm
Through insulation distance
(Internal Clearance)
conductor to conductor, usually
the straight line distance
thickness between the emitter
and detector.
Tracking Resistance
CTI
>175
>175
V
DIN IEC 112/VDE 0303 Part 1
(Comparative Tracking Index)
Isolation Group
IIIa
IIIa
Material Group (DIN VDE
0110, 1/89, Table 1)
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-40
100
°C
Average Input Current
IF(AVG)
25
mA
1
Peak Transient Input Current (<1
µs pulse
IF(TRAN)
1.0
A
width, 300pps)
Reverse Input Voltage
VR
5V
“High” Peak Output Current
IOH(PEAK)
0.6
A
2
“Low” Peak Output Current
IOL(PEAK)
0.6
A
2
Supply Voltage
VCC-VEE
-0.5
35
V
Output Voltage
VO(PEAK)
-0.5
VCC
V
Output Power Dissipation
PO
250
mW
3
Input Power Dissipation
PI
45
mW
4
Lead Solder Temperature
260
°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Package Outline Drawings section


유사한 부품 번호 - HCPL-0314

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-0314 HP-HCPL-0314 Datasheet
249Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0314 AVAGO-HCPL-0314 Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314 AVAGO-HCPL-0314 Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

유사한 설명 - HCPL-0314

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020-500E AVAGO-HCPL-3020-500E Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com