전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-900J 데이터시트(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-900J
상세설명  High Speed Digital Isolators 15 ns max. propagation delay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-900J 데이터시트(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-900J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-900J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-900J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-900J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-900J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-900J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-900J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-900J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-900J Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
HCPL-090J, HCPL-091J and HCPL-092J Narrow Body SOIC-16 Package
Package Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Capacitance (Input-Output)[1]
C
I-O
pF
f = 1 MHz
Single Channel
1.1
Dual Channel
2.0
Quad Channel
4.0
Thermal Resistance
θ
JCT
°C/W
Thermocouple located at
8-Pin PDIP
54
center underside of package
8-Pin SOIC
144
16-Pin SOIC Narrow Body
41
16-Pin SOIC Wide Body
28
Package Power Dissipation
P
PD
mW
8-Pin PDIP
150
8-Pin SOIC
150
16-Pin SOIC Narrow Body
150
16-Pin SOIC Wide Body
150
Notes:
1. Single and dual channels device are considered two-terminal devices: pins 1-4 shorted and pins 5-8 shorted. Quad channel devices are con-
sidered two-terminal devices: pins 1-8 shorted and pins 9-16 shorted.
This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, Avago recommends that all inte-
grated circuits be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from
performance degradation to complete failure.
1
Pin 1 indent
8
0.228 (5.791)
0.244 (6.197)
0.386 (9.802)
0.394 (9.999)
0.152 (3.861)
0.157 (3.988)
0.013 (0.330)
0.020 (0.508)
0.040 (1.016)
0.060 (1.524)
0.040 (1.020)
0.050 (1.270)
0.054 (1.372)
0.072 (1.800)
0.004 (0.102)
0.012 (0.300)
0.016 (0.406)
0.050 (1.270)
0.007 (0.200)
0.013 (0.330)
DIMENSIONS: INCHES (MILLIMETERS) MIN
MAX


유사한 부품 번호 - HCPL-900J

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-900J HP-HCPL-900J Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-900J-000E AVAGO-HCPL-900J-000E Datasheet
319Kb / 14P
   High Speed Digital Isolators
HCPL-900J-500 AVAGO-HCPL-900J-500 Datasheet
319Kb / 14P
   High Speed Digital Isolators
HCPL-900J-500E AVAGO-HCPL-900J-500E Datasheet
319Kb / 14P
   High Speed Digital Isolators
More results

유사한 설명 - HCPL-900J

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
ACNV3130 AVAGO-ACNV3130 Datasheet
177Kb / 14P
   500 ns maximum propagation delay
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
logo
Fairchild Semiconductor
MM74HC573WM FAIRCHILD-MM74HC573WM Datasheet
104Kb / 8P
   Typical propagation delay: 18 ns
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com