전자부품 데이터시트 검색엔진 |
|
HCPL-063L 데이터시트(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-063L 데이터시트(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED |
8 / 19 page 8 Electrical Specifications Over Recommended Operating Conditions (TA = –40°C to +85°C , 2.7V ≤ VCC ≤ 3.6V) unless otherwise specified. All Typicals at VCC = 3.3 V, TA = 25°C. All enable test conditions apply to single channel products only. See Note 5. Parameter Sym. Device Min. Typ. Max. Units Test Conditions Fig. Note High Level IOH* 4.5 50 µA VCC = 3.3 V, VE = 2.0 V, 1 1, 15 Output Current VO = 3.3 V, IF = 250 µA Input Threshold ITH 3.0 5.0 mA VCC = 3.3 V, VE = 2.0 V, 2 15 Current VO = 0.6 V, IOL (Sinking) = 13 mA Low Level VOL* 0.35 0.6 V VCC = 3.3 V, VE = 2.0 V, 3 15 Output Voltage IF = 5 mA, IOL (Sinking) = 13 mA High Level ICCH Single 4.7 7.0 mA VE = 0.5 V IF = 0 mA Supply Current Dual 6.9 10.0 VCC = 3.3 V Low Level ICCL Single 7.0 10.0 mA VE = 0.5 V IF = 10 mA Supply Current Dual 8.7 15.0 VCC = 3.3 V High Level IEH Single –0.5 –1.2 mA VCC = 3.3 V, VE = 2.0 V Enable Current Low Level IEL* Single –0.5 –1.2 mA VCC = 3.3 V, VE = 0.5 V Enable Current High Level VEH Single 2.0 V 15 Enable Voltage Low Level VEL Single 0.8 V Enable Voltage Input Forward VF 1.4 1.5 1.75* V TA = 25˚C, IF = 10 mA 5 1 Voltage Input Reverse BVR* 5 V IR = 10 µA 1 Breakdown Voltage Input Diode ∆VF/ –1.6 mV˚C IF = 10 mA 1 Temperature ∆TA Coefficient Input CIN 60 pF f = 1 MHz, VF = 0 V 1 Capacitance *The JEDEC Registration specifies 0˚C to +70˚C. Avago specifies –40˚C to +85˚C. |
유사한 부품 번호 - HCPL-063L |
|
유사한 설명 - HCPL-063L |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |