전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-0710 데이터시트(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-0710
상세설명  40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0710 데이터시트(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0710 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0710 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0710 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0710 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0710 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0710 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0710 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0710 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0710 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Electrical Specifications
Test conditions that are not specified can be anywhere within the recommended operating range.
All typical specifications are at TA = +25 °C, VDD1 = VDD2 = +5 V.
DC Specifications
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Logic Low Input
IDD1L
6.0
10.0
mA
VI = 0 V
Supply Current [1]
Logic High Input
IDD1H
1.5
3.0
mA
VI = VDDI
Supply Current
Input Supply Current
IDD1
13.0
mA
Output Supply Current
IDD2
5.5
11.0
mA
Input Current
II
-10
10
µA
Logic High Output
VOH
4.4
5.0
V
IO = -20 µA, VI = VIH
Voltage
4.0
4.8
IO = -4 mA, VI = VIH
Logic Low Output
VOL
0
0.1
V
IO = -20 µA, VI = VIL
Voltage
0.5
1.0
IO = -4 mA, VI = VIL
Switching Specifications
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Propagation Delay Time
tPHL
20
40
ns
CL = 15 pF
to Logic Low Output [2]
CMOS Signal Levels
Propagation Delay Time
tPLH
23
40
ns
CL = 15 pF
to Logic High Output
CMOS Signal Levels
Pulse Width [3]
PW
80
ns
CL = 15 pF
CMOS Signal Levels
Data Rate [3]
12.5
MBd
CL = 15 pF
CMOS Signal Levels
Pulse Width Distortion [4]
PWD
3
8
ns
CL = 15 pF
|tPHL - tPLH|
CMOS Signal Levels
Propagation Delay Skew [5]
tPSK
20
ns
CL = 15 pF
Output Rise Time
tR
9
ns
CL = 15 pF
(10 - 90%)
CMOS Signal Levels
Output Fall Time
tF
8
ns
CL = 15 pF
(90 - 10%)
CMOS Signal Levels
Common Mode
|CMH|
10
20
kV/µs
VI = VDD1,
Transient Immunity at
VO > 0.8 VDD1,
Logic High Output [6]
VCM = 1000 V
Common Mode
|CML|
10
20
kV/µs
VI = 0 V, VO > 0.8 V,
Transient Immunity at
VCM = 1000 V
Logic Low Output [6]
Input Dynamic Power
CPD1
60
pF
Dissipation Capacitance [7]
Output Dynamic Power
CPD2
10
pF
Dissipation Capacitance [7]


유사한 부품 번호 - HCPL-0710

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-0710 HP-HCPL-0710 Datasheet
286Kb / 16P
   40 ns Prop. Delay, SO-8 Optocoupler
HCPL-0710 HP-HCPL-0710 Datasheet
130Kb / 2P
   40 ns Prop. Delay, SO-8 Optocoupler
HCPL-0710 HP-HCPL-0710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0710-000E AVAGO-HCPL-0710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-0710-060E AVAGO-HCPL-0710-060E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
More results

유사한 설명 - HCPL-0710

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com