전자부품 데이터시트 검색엔진 |
|
HCPL-0453 데이터시트(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-0453 데이터시트(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED |
9 / 14 page 9 Absolute Maximum Ratings Parameter Symbol Device Min. Max. Units Note Storage Temperature TS -55 125 °C Operating Temperature TA -55 100 °C Average Forward Input Current IF(AVG) 25 mA (each channel) Peak Forward Input Current (each channel) IF(PEAK) 50 mA (50% duty cycle, 1 ms pulse width) Peak Transient Input Current (each channel) IF(TRANS) 1 A (≤ 1 μs pulse width, 300 pps) Reverse LED Input Voltage (each channel) VR 5 V Input Power Dissipation (each channel) PIN 45 mW Average Output Current (each channel) IO(AVG) 8 mA Peak Output Current IO(PEAK) 16 mA Supply Voltage (Pin 8-5) VCC -0.5 30 V Output Voltage (Pins 7-5, 6-5) VO -0.5 20 V Output Power Dissipation (each channel) PO 35 mW 13 Lead Solder Temperature TLS 8 Pin DIP 260 °C (Through-Hole Parts Only) 1.6 mm below seating plane, 10 seconds Reflow Temperature Profile TRP SO-8 and see Package Outline Drawings Option 300 section |
유사한 부품 번호 - HCPL-0453 |
|
유사한 설명 - HCPL-0453 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |