전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FJV3108R 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FJV3108R
상세설명  NPN Epitaxial Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJV3108R 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FJV3108R Datasheet HTML 1Page - Fairchild Semiconductor FJV3108R Datasheet HTML 2Page - Fairchild Semiconductor FJV3108R Datasheet HTML 3Page - Fairchild Semiconductor FJV3108R Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A, August 2002
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Input On Voltage
Figure 3. Input Off Voltage
Figure 4. Power Derating
1
10
100
1000
10
100
1000
VCE = 5V
R1 = 47K
R2 = 22K
IC[mA], COLLECTOR CURRENT
0.1
1
10
100
0.1
1
10
100
VCE = 0.3V
R1 = 47K
R2 = 22K
IC[mA], COLLECTOR CURRENT
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
10
100
1000
V
CE = 5V
R
1 = 47K
R
2 = 22K
V
I(off)[V], INPUT OFF VOLTAGE
0
255075
100
125
150
175
0
50
100
150
200
250
300
350
400
Ta[
o
C], AMBIENT TEMPERATURE


유사한 부품 번호 - FJV3108R

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FJV3101 FAIRCHILD-FJV3101 Datasheet
55Kb / 4P
   NPN Epitaxial Silicon Transistor
FJV3101R FAIRCHILD-FJV3101R Datasheet
55Kb / 4P
   NPN Epitaxial Silicon Transistor
FJV3101R FAIRCHILD-FJV3101R Datasheet
163Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJV3101RMTF FAIRCHILD-FJV3101RMTF Datasheet
163Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
logo
ON Semiconductor
FJV3101RMTF ONSEMI-FJV3101RMTF Datasheet
241Kb / 7P
   NPN Epitaxial Silicon Transistor with Bias Resistor
November 2013 Rev. 1.1.2
More results

유사한 설명 - FJV3108R

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com