전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SML-010MT 데이터시트(PDF) 4 Page - Rohm

부품명 SML-010MT
상세설명  Chip LEDs with reflectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

SML-010MT 데이터시트(HTML) 4 Page - Rohm

  SML-010MT Datasheet HTML 1Page - Rohm SML-010MT Datasheet HTML 2Page - Rohm SML-010MT Datasheet HTML 3Page - Rohm SML-010MT Datasheet HTML 4Page - Rohm SML-010MT Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SML-010 Series
LED lamps
!
!
!
!
Electrical characteristics curves 3 (SML-010DT) (orange)
FORWARD VOLTAGE : VF
(V)
Fig.14 Forward current
Fig.
vs. forward voltage
20
10
5.0
2.0
1.0
0.5
0.2
0.1
1.5
2.0
2.5
3.0
50
Ta=25˚C
1.4
1.2
1.0
0.8
0.6
0.4
40
−20
20
0
60
80
1.6
IF=20mA
Fig.15 Luminous intensity vs.
case temperature
CASE TEMPERATURE : Tc
(˚C)
2
1
0.5
0.2
0.1
0.05
0.02
0.01
0.5
1
2
510
20
50
100
5
FORWARD CURRENT : IF
(
mA)
Fig.16 Luminous intensity vs.
forward current
Ta=25˚C
1
2
2.4
3
4
5
6
PULSE DURATION : Tw
(
µs)
10
520
50 10
2
10
3
10
4
Fig.17 Maximum tolerable peak current
vs. pulse duration
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1020
304050
60
PEAK FORWARD CURRENT : IF peak
(mA)
f =1kHz
DC
15%
20%
10%
5%
Fig.18 Luminous intensity vs.
peak forward current
DF=50%
20
10
0
010
20
30
40
50
70
80
60
90
30
AMBIENT TEMPERATURE : Ta
(˚C)
Fig.19 Maximum forward current
vs. ambient temperature
(Derating)
!
!
!
!
Electrical characteristics curves 4 (SML-010YT) (yellow)
FORWARD VOLTAGE : VF
(V)
Fig.20 Forward current vs.
forward voltage
20
10
5.0
2.0
1.0
0.5
0.2
0.1
1.5
2.0
2.5
3.0
50
Ta=25˚C
1.4
1.2
1.0
0.8
0.6
0.4
40
−20
20
0
60
80
1.6
IF=20mA
Fig.21 Luminous intensity vs.
case temperature
CASE TEMPERATURE : Tc
(˚C)
2
1
0.5
0.2
0.1
0.05
0.02
0.01
0.5
1
2
510
20
50
100
5
FORWARD CURRENT : IF
(
mA)
Fig.22 Luminous intensity vs.
forward current
Ta=25˚C


유사한 부품 번호 - SML-010MT

제조업체부품명데이터시트상세설명
logo
Rohm
SML-010MT ROHM-SML-010MT Datasheet
363Kb / 3P
   Standard Type Chip LEDs with reflector
SML-010MT ROHM-SML-010MT Datasheet
207Kb / 5P
   Chip LEDs with reflectors
SML-010MTT86 ROHM-SML-010MTT86 Datasheet
367Kb / 4P
   Standard Type Chip LEDs with reflector
SML-010MTT87 ROHM-SML-010MTT87 Datasheet
497Kb / 10P
   Reflector type (3.0횞2.0mm, t1.3mm)
SML-010MTT87 ROHM-SML-010MTT87 Datasheet
367Kb / 4P
   Standard Type Chip LEDs with reflector
More results

유사한 설명 - SML-010MT

제조업체부품명데이터시트상세설명
logo
Rohm
SML-010YT ROHM-SML-010YT Datasheet
207Kb / 5P
   Chip LEDs with reflectors
SML-010LTT86 ROHM-SML-010LTT86 Datasheet
88Kb / 5P
   Chip LEDs with reflectors
logo
List of Unclassifed Man...
SML-011 ETC-SML-011 Datasheet
27Kb / 3P
   Chip LEDs with reflectors
logo
Rohm
SML-020MVTT86 ROHM-SML-020MVTT86 Datasheet
105Kb / 6P
   Two-color chip LEDs with reflectors
SML-020 ROHM-SML-020_1 Datasheet
130Kb / 4P
   Two-color chip LEDs with reflectors
SML-020 ROHM-SML-020 Datasheet
125Kb / 6P
   Two-color chip LEDs with reflectors
SML-010VTT86 ROHM-SML-010VTT86 Datasheet
88Kb / 5P
   Chip LEDs with reflectors SML-010 Series
SML-020MYTT87 ROHM-SML-020MYTT87 Datasheet
105Kb / 6P
   Two-color chip LEDs with reflectors SML-020 Series
logo
Gilway Technical Lamp
L518 GILWAY-L518 Datasheet
111Kb / 2P
   MR11 Halogen Lamps with Dichroic Reflectors
logo
Ledil, Inc.
C13723 LEDIL-C13723 Datasheet
4Mb / 3P
   Colour mixing sublens compatible with MIRELLA reflectors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com