전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN6755WMY 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FAN6755WMY
상세설명  mWSaver??PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6755WMY 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FAN6755WMY Datasheet HTML 1Page - Fairchild Semiconductor FAN6755WMY Datasheet HTML 2Page - Fairchild Semiconductor FAN6755WMY Datasheet HTML 3Page - Fairchild Semiconductor FAN6755WMY Datasheet HTML 4Page - Fairchild Semiconductor FAN6755WMY Datasheet HTML 5Page - Fairchild Semiconductor FAN6755WMY Datasheet HTML 6Page - Fairchild Semiconductor FAN6755WMY Datasheet HTML 7Page - Fairchild Semiconductor FAN6755WMY Datasheet HTML 8Page - Fairchild Semiconductor FAN6755WMY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
May 2013
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6755W / FAN6755UW
• Rev. 1.0.7
FAN6755W / FAN6755UW
mWSaver
PWM Controller
Features
mWSaverTechnology Provides Industry’s Best-
in-Class Standby Power
-
<100 mW at 25-mW Load for LCDM Adaptor
-
Internal High-Voltage JFET Startup
-
Low Operating Current: Under 2 mA
-
Adaptively Decrease PWM Frequency to
23 kHz at Light-Load Condition for Better
Efficiency
-
Feedback Impedance Switching During
Minimum Load or No Load
Proprietary Asynchronous Frequency Hopping
Technique that Reduces EMI
Fixed PWM Frequency: 65 kHz (FAN6755W),
130 kHz (FAN6755UW)
Internal Leading-Edge Blanking
Built-in Synchronized Slope Compensation
Auto-Restart Protection: Feedback Open-Loop
Protection (OLP), VDD Over-Voltage Protection
(OVP), Over-Temperature Protection (OTP), and
Line Over-Voltage Protection
Soft Gate Drive with Clamped Output Voltage: 18 V
V
DD Under-Voltage Lockout (UVLO)
Programmable Constant Power Limit
(Full AC Input Range)
Internal OTP Sensor with Hysteresis
Build-in 5-ms Soft-Start Function
Input Voltage Sensing (V
IN Pin) for Brown-In/Out
Protection with Hysteresis and Line Over-Voltage
Protection
Applications
General-purpose switched-mode power supplies and
flyback power converters, including:
LCD Monitor Power Supply
Open-Frame SMPS
Description
This highly integrated PWM controller provides several
features
to
enhance
the
performance
of
flyback
converters.
To minimize standby power consumption, a proprietary
adaptive
green-mode
function
reduces
switching
frequency at light-load condition. To avoid acoustic-
noise problems, the minimum PWM frequency is set
above 23 kHz. This green-mode function enables the
power supply to meet international power conservation
requirements, such as Energy Star
®. With the internal
high-voltage startup circuitry, the power loss caused by
bleeding resistors is also eliminated. To further reduce
power consumption, FAN6755W/UW uses the BiCMOS
process, which allows an operating current of only
2 mA. The standby power consumption can be under
100 mW for most of LCD monitor power supply designs.
FAN6755W/UW
integrates
a
frequency-hopping
function that reduces EMI emission of a power supply
with minimum line filters. The built-in synchronized
slope compensation achieves a stable peak-current-
mode control and improves noise immunity. The
proprietary line compensation ensures constant output
power limit over a wide AC input voltage range from
90 VAC to 264 VAC.
FAN6755W/UW provides many protection functions.
The internal feedback open-loop protection circuit
protects the power supply from open-feedback-loop
condition or output-short condition. It also has line
under-voltage protection (brownout protection) and
over-voltage protection using an input voltage sensing
pin (VIN).
FAN6755W/UW is available in a 7-pin SOP package.
ENERGY STAR® is a registered trademark of the U.S. Department of Energy and the U.S. Environmental Protection Agency.


유사한 부품 번호 - FAN6755WMY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN6755WMY FAIRCHILD-FAN6755WMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
More results

유사한 설명 - FAN6755WMY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN6755UWMY FAIRCHILD-FAN6755UWMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6757 FAIRCHILD-FAN6757 Datasheet
1Mb / 17P
   mWSaver PWM Controller
FAN6756AMRMY FAIRCHILD-FAN6756AMRMY Datasheet
1Mb / 20P
   FAN6756??mWSaver??PWM Controller
FAN302HLMY_F117 FAIRCHILD-FAN302HLMY_F117 Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery-Charger Applications ??mWSaver??Technology
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
logo
Taiwan Semiconductor Co...
TS2581 TSC-TS2581 Datasheet
139Kb / 7P
   PWM Controller
logo
SANYO DENKI CO., LTD.
9PC8666X-S001 SANYODENKI-9PC8666X-S001 Datasheet
371Kb / 4P
   PWM Controller
logo
ON Semiconductor
FAN6756 ONSEMI-FAN6756 Datasheet
1Mb / 21P
   PWM Controller
Rev. 2.0.0
logo
TOKO, Inc
TK75001 TOKO-TK75001 Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75003 TOKO-TK75003 Datasheet
108Kb / 14P
   PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com