전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-BD06-RS0XX 데이터시트(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-BD06-RS0XX
상세설명  5mm mini Oval Precision Optical Performance AlInGaP Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-BD06-RS0XX 데이터시트(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-BD06-RS0XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RS0XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RS0XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RS0XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RS0XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RS0XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RS0XX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RS0XX Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RS0XX Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Precautions:
Lead Forming:
• TheleadsofanLEDlampmaybepreformedorcutto
lengthpriortoinsertionandsolderingonPCboard.
• For better control, it is recommended to use proper
tooltopreciselyformandcuttheleadstoapplicable
lengthratherthandoingitmanually.
• Ifmanualleadcuttingisnecessary,cuttheleadsafter
thesolderingprocess.Thesolderconnectionformsa
mechanicalgroundwhichpreventsmechanicalstress
duetoleadcuttingfromtravelingintoLEDpackage.
Thisishighlyrecommendedforhandsolderoperation,
astheexcessleadlengthalsoactsassmallheatsink.
Soldering and Handling:
• CaremustbetakenduringPCBassemblyandsoldering
processtopreventdamagetotheLEDcomponent.
• LED component may be effectively hand soldered
to PCB. However, it is only recommended under
unavoidablecircumstancessuchasrework.Theclosest
manualsolderingdistanceofthesolderingheatsource
(solderingiron’stip)tothebodyis1.59mm.Soldering
the LED using soldering iron tip closer than 1.59mm
mightdamagetheLED.
Note:
1. PCB with different size and design (component density) will have
different heat mass (heat capacity). This might cause a change in
temperature experienced by the board if same wave soldering
settingisused.So,itisrecommendedtore-calibratethesoldering
profileagainbeforeloadinganewtypeofPCB.
2. AvagoTechnologies’highbrightnessLEDareusinghighefficiency
LEDdiewithsinglewirebondasshownbelow.Customerisadvised
to take extra precaution during wave soldering to ensure that the
maximumwavetemperaturedoesnotexceed250°Candthesolder
contacttimedoesnotexceeding3sec.Over-stressingtheLEDduring
solderingprocessmightcauseprematurefailuretotheLEDdueto
delamination.
Avago Technologies LED configuration
1.59mm
• ESD precaution must be properly applied on the
soldering station and personnel to prevent ESD
damage to the LED component that is ESD sensitive.
DorefertoAvagoapplicationnoteAN1142fordetails.
Thesolderingironusedshouldhavegroundedtipto
ensureelectrostaticchargeisproperlygrounded.
• Recommendedsolderingcondition:
Wave
Soldering [1, 2]
Manual Solder
Dipping
Pre-heattemperature
105°CMax.
-
Preheattime
60secMax
-
Peaktemperature
250°CMax.
260°CMax.
Dwelltime
3secMax.
5secMax
Note:
1) Above conditions refers to measurement with thermocouple
mountedatthebottomofPCB.
2) Itisrecommendedtouseonlybottompreheatersinordertoreduce
thermalstressexperiencedbyLED.
• Wavesolderingparametersmustbesetandmaintained
accordingtotherecommendedtemperatureanddwell
time.Customerisadvisedtoperformdailycheckonthe
solderingprofiletoensurethatitisalwaysconforming
torecommendedsolderingconditions.
Note:ElectricalconnectionbetweenbottomsurfaceofLEDdieand
theleadframeisachievedthroughconductivepaste.
• Any alignment fixture that is being applied during
wave soldering should be loosely fitted and should
notapplyweightorforceonLED.Nonmetalmaterial
isrecommendedasitwillabsorblessheatduringwave
solderingprocess.
• At elevated temperature, LED is more susceptible to
mechanicalstress.Therefore,PCBmustallowedtocool
down to room temperature prior to handling, which
includesremovalofalignmentfixtureorpallet.
• IfPCBboardcontainsboththroughhole(TH)LEDand
othersurfacemountcomponents,itisrecommended
that surface mount components be soldered on the
topsideofthePCB.Ifsurfacemountneedtobeonthe
bottom side, these components should be soldered
usingreflowsolderingpriortoinsertiontheTHLED.
• Recommended PC board plated through holes (PTH)
sizeforLEDcomponentleads.
LED component
lead size
Diagonal
Plated through
hole diameter
0.45x0.45mm
(0.018x0.018inch)
0.636mm
(0.025inch)
0.98to1.08mm
(0.039to0.043inch)
0.50x0.50mm
(0.020x0.020inch)
0.707mm
(0.028inch)
1.05to1.15mm
(0.041to0.045inch)
• Over-sizing the PTH can lead to twisted LED after
clinching.OntheotherhandundersizingthePTHcan
causedifficultyinsertingtheTHLED.
AllnGaP Device
CATHODE


유사한 부품 번호 - HLMP-BD06-RS0XX

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BD06-RS0 AVAGO-HLMP-BD06-RS0 Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results

유사한 설명 - HLMP-BD06-RS0XX

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com