전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFR9224TF 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 SFR9224TF
상세설명  Avalanche Rugged Technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SFR9224TF 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  SFR9224TF Datasheet HTML 1Page - Fairchild Semiconductor SFR9224TF Datasheet HTML 2Page - Fairchild Semiconductor SFR9224TF Datasheet HTML 3Page - Fairchild Semiconductor SFR9224TF Datasheet HTML 4Page - Fairchild Semiconductor SFR9224TF Datasheet HTML 5Page - Fairchild Semiconductor SFR9224TF Datasheet HTML 6Page - Fairchild Semiconductor SFR9224TF Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Avalanche Rugged Technology
Rugged Gate Oxide Technology
Lower Input Capacitance
Improved Gate Charge
Extended Safe Operating Area
Lower Leakage Current : 10
µA (Max.) @ V
DS = -250V
Lower R
DS(ON) : 1.65 Ω (Typ.)
Advanced Power MOSFET
Thermal Resistance
Junction-to-Case
Junction-to-Ambient
Junction-to-Ambient
RθJC
RθJA
RθJA
oC/W
Characteristic
Max.
Units
Symbol
Typ.
FEATURES
*
* When mounted on the minimum pad size recommended (PCB Mount).
Absolute Maximum Ratings
Drain-to-Source Voltage
Continuous Drain Current (T
C=25
oC)
Continuous Drain Current (T
C=100
oC)
Drain Current-Pulsed
Gate-to-Source Voltage
Single Pulsed Avalanche Energy
Avalanche Current
Repetitive Avalanche Energy
Peak Diode Recovery dv/dt
Total Power Dissipation (T
A=25
oC)
Total Power Dissipation (T
C=25
oC)
Linear Derating Factor
Operating Junction and
Storage Temperature Range
Maximum Lead Temp. for Soldering
Purposes, 1/8 “ from case for 5-seconds
Characteristic
Value
Units
Symbol
I
DM
V
GS
E
AS
I
AR
E
AR
dv/dt
P
D
I
D
T
J , TSTG
T
L
A
V
mJ
A
mJ
V/ns
W
W
W/
oC
A
oC
V
DSS
V
*
D-PAK
1. Gate 2. Drain 3. Source
1
2
3
I-PAK
1
3
2
O
1
O
2
O
3
O
1
O
1
SFR/U9224
BV
DSS = -250 V
R
DS(on) = 2.4 Ω
I
D = -2.5 A
-250
-2.5
-1.5
-10
156
-2.5
3.0
-4.8
2.5
30
0.24
- 55 to +150
300
4.17
50
110
--
--
--
30
+
_
©1999 Fairchild Semiconductor Corporation
Rev. B


유사한 부품 번호 - SFR9224TF

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
SFR9224 FAIRCHILD-SFR9224 Datasheet
265Kb / 7P
   Advanced Power MOSFET
More results

유사한 설명 - SFR9224TF

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
SSP4N80AS FAIRCHILD-SSP4N80AS Datasheet
192Kb / 7P
   Avalanche Rugged Technology
logo
Kersemi Electronic Co.,...
IRFM120A KERSEMI-IRFM120A Datasheet
725Kb / 6P
   Avalanche Rugged Technology
logo
Fairchild Semiconductor
IRFR130ATM FAIRCHILD-IRFR130ATM Datasheet
263Kb / 7P
   Avalanche Rugged Technology
IRFU120ATU FAIRCHILD-IRFU120ATU Datasheet
258Kb / 7P
   Avalanche Rugged Technology
IRFM120ATF FAIRCHILD-IRFM120ATF Datasheet
274Kb / 7P
   Avalanche Rugged Technology
SFR9220TF FAIRCHILD-SFR9220TF Datasheet
259Kb / 7P
   Avalanche Rugged Technology
logo
Inchange Semiconductor ...
BUZ11A ISC-BUZ11A Datasheet
66Kb / 2P
   Avalanche rugged technology
logo
Fairchild Semiconductor
SFU9120TU FAIRCHILD-SFU9120TU Datasheet
234Kb / 7P
   Avalanche Rugged Technology
IRFW530ATM FAIRCHILD-IRFW530ATM Datasheet
261Kb / 7P
   Avalanche Rugged Technology
SFR9024TF FAIRCHILD-SFR9024TF Datasheet
236Kb / 7P
   Avalanche Rugged Technology
IRLU110ATU FAIRCHILD-IRLU110ATU Datasheet
246Kb / 9P
   Avalanche Rugged Technology
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com