전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM24C09 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 FM24C09
상세설명  4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM24C09 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button FM24C09 Datasheet HTML 4Page - Fairchild Semiconductor FM24C09 Datasheet HTML 5Page - Fairchild Semiconductor FM24C09 Datasheet HTML 6Page - Fairchild Semiconductor FM24C09 Datasheet HTML 7Page - Fairchild Semiconductor FM24C09 Datasheet HTML 8Page - Fairchild Semiconductor FM24C09 Datasheet HTML 9Page - Fairchild Semiconductor FM24C09 Datasheet HTML 10Page - Fairchild Semiconductor FM24C09 Datasheet HTML 11Page - Fairchild Semiconductor FM24C09 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
www.fairchildsemi.com
FM24C04U/05U Rev. A.3
EEPROM
Number of
Device Selection Inputs
Address Bits
Density
Page Blocks
Provided
Selecting Page Block
2k bit
1
A0
A1
A2
None
4k bit
2
A1
A2
A0
8k bit
4
——
A2
A0 and A1
16k bit
8
———
A0, A1 and A2
Pin Descriptions
Serial Clock (SCL)
The SCL input is used to clock all data into and out of the device.
Serial Data (SDA)
SDA is a bi-directional pin used to transfer data into and out of the
device. It is an open drain output and may be wire–ORed with any
number of open drain or open collector outputs.
Write Protect (WP) (FM24C05U Only)
If tied to VCC, PROGRAM operations onto the upper half (upper
2Kbits) of the memory will not be executed. READ operations are
possible. If tied to VSS, normal operation is enabled, READ/
WRITE over the entire memory is possible.
This feature allows the user to assign the upper half of the memory
as ROM which can be protected against accidental programming.
When write is disabled, slave address and word address will be
acknowledged but data will not be acknowledged.
This pin has an internal pull-down circuit. However, on systems
where write protection is not required it is recommended that this
pin is tied to V
SS.
Device Selection Inputs A2, A1 and A0 (as
appropriate)
These inputs collectively serve as “chip select” signal to an
EEPROM when multiple EEPROMs are present on the same IIC
bus. Hence these inputs, if present, should be connected to VCC
or V
SS in a unique manner to allow proper selection of an EEPROM
amongst multiple EEPROMs. During a typical addressing se-
quence, every EEPROM on the IIC bus compares the configura-
tion of these inputs to the respective 3 bit “Device/Page block
selection” information (part of slave address) to determine a valid
selection. For e.g. if the 3 bit “Device/Page block selection” is 1-
0-1, then the EEPROM whose “Device Selection inputs” (A2, A1
and A0) are connected to V
CC-VSS-VCC respectively, is selected.
Depending on the density, only appropriate numbers of “Device
Selection inputs” are provided on an EEPROM. For every “Device
selection input” that is not present on the device, the correspond-
ing bit in the “Device/Page block selection” field is used to select
a “Page Block” within the device instead of the device itself.
Following table illustrates the above:
Note that even when just one EEPROM present on the IIC bus,
these pins should be tied to V
CC or VSS to ensure proper termina-
tion.
Device Operation
The FM24C04U/05U supports a bi-directional bus oriented proto-
col. The protocol defines any device that sends data onto the bus
as a transmitter and the receiving device as the receiver. The
device controlling the transfer is the master and the device that is
controlled is the slave. The master will always initiate data
transfers and provide the clock for both transmit and receive
operations. Therefore, the FM24C04U/05U will be considered a
slave in all applications.
Clock and Data Conventions
Data states on the SDA line can change only during SCL LOW.
SDA state changes during SCL HIGH are reserved for indicating
start and stop conditions. Refer to
Figure 1 and Figure 2 on next
page.
Start Condition
All commands are preceded by the start condition, which is a
HIGH to LOW transition of SDA when SCL is HIGH. The
FM24C04U/05U continuously monitors the SDA and SCL lines for
the start condition and will not respond to any command until this
condition has been met.
Stop Condition
All communications are terminated by a stop condition, which is a
LOW to HIGH transition of SDA when SCL is HIGH. The stop
condition is also used by the FM24C04U/05U to place the device
in the standby power mode, except when a Write operation is
being executed, in which case a second stop condition is required
after t
WR period, to place the device in standby mode.


유사한 부품 번호 - FM24C09

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FM24C09 FAIRCHILD-FM24C09 Datasheet
105Kb / 14P
   8K-Bit Standard 2-Wire Bus
More results

유사한 설명 - FM24C09

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
   128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com