전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM27C256NE150 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FM27C256NE150
상세설명  262,144-Bit (32K x 8) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM27C256NE150 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FM27C256NE150 Datasheet HTML 2Page - Fairchild Semiconductor FM27C256NE150 Datasheet HTML 3Page - Fairchild Semiconductor FM27C256NE150 Datasheet HTML 4Page - Fairchild Semiconductor FM27C256NE150 Datasheet HTML 5Page - Fairchild Semiconductor FM27C256NE150 Datasheet HTML 6Page - Fairchild Semiconductor FM27C256NE150 Datasheet HTML 7Page - Fairchild Semiconductor FM27C256NE150 Datasheet HTML 8Page - Fairchild Semiconductor FM27C256NE150 Datasheet HTML 9Page - Fairchild Semiconductor FM27C256NE150 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
www.fairchildsemi.com
FM27C256
Functional Description
DEVICE OPERATION
The six modes of operation of the EPROM are listed in Table 1. It
should be noted that all inputs for the six modes are at TTL levels.
The power supplies required are V
CC and VPP. The VPP power
supply must be at 12.75V during the three programming modes,
and must be at 5V in the other three modes. The V
CC power supply
must be at 6.5V during the three programming modes, and at 5V
in the other three modes.
Read Mode
The EPROM has two control functions, both of which must be
logically active in order to obtain data at the outputs. Chip Enable
(CE/PGM) is the power control and should be used for device
selection. Output Enable (OE) is the output control and should be
used to gate data to the output pins, independent of device
selection. Assuming that addresses are stable, address access
time (tACC) is equal to the delay from CE to output (tCE). Data is
available at the outputs t
OE after the falling edge of OE, assuming
that CE/PGM has been low and addresses have been stable for
at least tACC –tOE.
Standby Mode
The EPROM has a standby mode which reduces the active power
dissipation by over 99%, from 385 mW to 0.55 mW. The EPROM
is placed in the standby mode by applying a CMOS high signal to
the CE/PGM input. When in standby mode, the outputs are in a
high impedance state, independent of the OE input.
Output Disable
The EPROM is placed in output disable by applying a TTL high
signal to the OE input. When in output disable all circuitry is
enabled, except the outputs are in a high impedance state (TRI-
STATE).
Output OR-Typing
Because the EPROM is usually used in larger memory arrays,
Fairchild has provided a 2-line control function that accommo-
dates this use of multiple memory connections. The 2-line control
function allows for:
1. the lowest possible memory power dissipation, and
2. complete assurance that output bus contention will not
occur.
To most efficiently use these two control lines, it is recommended
that CE/PGM be decoded and used as the primary device select-
ing function, while OE be made a common connection to all
devices in the array and connected to the READ line from the
system control bus. This assures that all deselected memory
devices are in their low power standby modes and that the output
pins are active only when data is desired from a particular memory
device.
Programming
CAUTION: Exceeding 14V on pin 1 (VPP) will damage the EPROM.
Initially, and after each erasure, all bits of the EPROM are in the
“1’s” state. Data is introduced by selectively programming “0’s”
into the desired bit locations. Although only “0’s” will be pro-
grammed, both “1’s” and “0’s” can be presented in the data word.
The only way to change a “0” to a “1” is by ultraviolet light erasure.
The EPROM is in the programming mode when the V
PP power
supply is at 12.75V and OE is at VIH. It is required that at least a
0.1
µF capacitor be placed across V
PP, VCC to ground to suppress
spurious voltage transients which may damage the device. The
data to be programmed is applied 8 bits in parallel to the data
output pins. The levels required for the address and data inputs
are TTL.
When the address and data are stable, an active low, TTL program
pulse is applied to the CE/PGM input. A program pulse must be
applied at each address location to be programmed. The EPROM
is programmed with the Turbo Programming Algorithm shown in
Figure 1. Each Address is programmed with a series of 50
µs
pulses until it verifies good, up to a maximum of 10 pulses. Most
memory cells will program with a single 50
µs pulse. (The standard
National Semiconductor Algorithm may also be used but it will
have longer programming time.)
The EPROM must not be programmed with a DC signal applied to
the CE/PGM input.
Programming multiple EPROM in parallel with the same data can
be easily accomplished due to the simplicity of the programming
requirments. Like inputs of the parallel EPROM may be connected
together when they are programmed with the same data. A low
level TTL pulse applied to the CE/PGM input programs the
paralleled EPROM.
Program Inhibit
Programming multiple EPROMs in parallel with different data is
also easily accomplished. Except for CE/PGM, all like inputs
(including OE) of the parallel EPROMs may be common. A TTL
low level program pulse applied to an EPROM’s CE/PGM input
with V
PP at 12.75V will program that EPROM. A TTL high level CE/
PGM input inhibits the other EPROMs from being programmed.
Program Verify
A verify should be performed on the programmed bits to determine
whether they were correctly programmed. The verify may be
performed with V
PP at 12.75V. VPP must be at VCC, except during
programming and program verify.
AFTER PROGRAMMING
Opaque labels should be placed over the EPROM window to
prevent unintentional erasure. Covering the window will also
prevent temporary functional failure due to the generation of photo
currents.
MANUFACTURER’S IDENTIFICATION CODE
The EPROM has a manufacturer’s identification code to aid in
programming. When the device is inserted in an EPROM pro-
grammer socket, the programmer reads the code and then
automatically calls up the specific programming algorithm for the
part. This automatic programming control is only possible with
programmers which have the capability of reading the code.
The Manufacturer’s Identification code, shown in Table 2, specifi-
cally identifies the manufacturer and device type. The code for
FM27C256 is “8F04”, where “8F” designates that it is made by
Fairchild Semiconductor, and “04” designates a 256K part.
The code is accessed by applying 12V
±0.5V to address pin A9.
Addresses A1–A8, A10–A16, and all control pins are held at VIL.
Address pin A0 is held at V
IL for the manufacturer’s code, and held
at V
IH for the device code. The code is read on the eight data pins,
O0 –O7. Proper code access is only guaranteed at 25
°C to ±5°C.


유사한 부품 번호 - FM27C256NE150

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FM27C010 FAIRCHILD-FM27C010 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N120 FAIRCHILD-FM27C010N120 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N150 FAIRCHILD-FM27C010N150 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N90 FAIRCHILD-FM27C010N90 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010NE120 FAIRCHILD-FM27C010NE120 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
More results

유사한 설명 - FM27C256NE150

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
NM27C256 FAIRCHILD-NM27C256 Datasheet
110Kb / 11P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
27C256 NSC-27C256 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
WS27C256L STMICROELECTRONICS-WS27C256L Datasheet
48Kb / 5P
   Military 32K x 8 CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com