전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM93CS06V 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 FM93CS06V
상세설명  (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM93CS06V 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button FM93CS06V Datasheet HTML 7Page - Fairchild Semiconductor FM93CS06V Datasheet HTML 8Page - Fairchild Semiconductor FM93CS06V Datasheet HTML 9Page - Fairchild Semiconductor FM93CS06V Datasheet HTML 10Page - Fairchild Semiconductor FM93CS06V Datasheet HTML 11Page - Fairchild Semiconductor FM93CS06V Datasheet HTML 12Page - Fairchild Semiconductor FM93CS06V Datasheet HTML 13Page - Fairchild Semiconductor FM93CS06V Datasheet HTML 14Page - Fairchild Semiconductor FM93CS06V Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
www.fairchildsemi.com
FM93CS06 Rev. C.1
Timing Diagrams (Continued)
CS
SK
DI
DO
High - Z
Dummy
Bit
1
1
0
A5
A4
A1
A0
PRE
PE
0
D5
D1
D0
;;;;;;;;;;;;;;
;;;;;;;;;;;;;;
;;;;
;;;;
tCS
;;;
;;;
PROTECT REGISTER READ CYCLE (PRREAD)
Address
Bits(6)
Star t
Bit
Opcode
Bits(2)
93CS06:
Address bits patter n -> x-x-x-x-x-x; (x -> Don't Care, can be 0 or 1)
Of the 6-bit output data(D5-D0), only D3 to D0 are valid and they correspond to A3 to A0 respectively.
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
Address
Bits(6)
CS
PE
SK
DI
DO
High - Z
PROTECT REGISTER ENABLE CYCLE (PREN)
Star t
Bit
93CS06:
Address bits patter n -> 1-1-x-x-x-x; (x -> Don't Care, can be 0 or 1)
Opcode
Bits(2)
1
0
0
A5
A4
A1
A0
PRE
tCS
;;;;;;;;;
;;;;;;;;;
;;;;;;;;;
;;;;;;;;;
Address
Bits(6)
Data
Bits(16)
CS
PE
SK
DI
DO
High - Z
tCS
WRITE ALL CYCLE (WRALL)
Star t
Bit
93CS06:
Address bits patter n -> 0-1-x-x-x-x; (x -> Don't Care, can be 0 or 1)
Data bits patter n
-> User defined
Opcode
Bits(2)
1
0
0
A5
A4
A1
A0
D15
D14
D1
D0
PRE
Busy
Ready
tWP


유사한 부품 번호 - FM93CS06V

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FM93CS46 FAIRCHILD-FM93CS46 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46E FAIRCHILD-FM93CS46E Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46V FAIRCHILD-FM93CS46V Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS56 FAIRCHILD-FM93CS56 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS56E FAIRCHILD-FM93CS56E Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
More results

유사한 설명 - FM93CS06V

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
NM93CS06 FAIRCHILD-NM93CS06 Datasheet
164Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS56 FAIRCHILD-FM93CS56 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS66 FAIRCHILD-FM93CS66 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46 FAIRCHILD-FM93CS46 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS46 FAIRCHILD-NM93CS46 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS56 FAIRCHILD-NM93CS56 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS66 FAIRCHILD-NM93CS66 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
logo
National Semiconductor ...
NM93CS06 NSC-NM93CS06 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06L NSC-NM93CS06L Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
logo
Fairchild Semiconductor
FM93C06 FAIRCHILD-FM93C06 Datasheet
114Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com