전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD10PF06 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STD10PF06
상세설명  P-CHANNEL 60V - 0.18 Ohm - 10A IPAK/DPAK STripFET II POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD10PF06 데이터시트(HTML) 3 Page - STMicroelectronics

  STD10PF06 Datasheet HTML 1Page - STMicroelectronics STD10PF06 Datasheet HTML 2Page - STMicroelectronics STD10PF06 Datasheet HTML 3Page - STMicroelectronics STD10PF06 Datasheet HTML 4Page - STMicroelectronics STD10PF06 Datasheet HTML 5Page - STMicroelectronics STD10PF06 Datasheet HTML 6Page - STMicroelectronics STD10PF06 Datasheet HTML 7Page - STMicroelectronics STD10PF06 Datasheet HTML 8Page - STMicroelectronics STD10PF06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STD10PF06
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
(*)Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(
•)Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD = 30 V
ID = 5 A
RG = 4.7 Ω
VGS = 10 V
(Resistive Load, Figure 3)
20
40
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD= 48 V ID= 10 A VGS= 10 V
16
4
6
21
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay Time
Fall Time
VDD = 30 V
ID = 5 A
RG = 4.7Ω,
VGS = 10 V
(Resistive Load, Figure 3)
40
10
ns
ns
tr(Voff)
tf
tc
Off-voltage Rise Time
Fall Time
Cross-over Time
Vclamp = 48 V
ID = 10 A
RG = 4.7Ω,
VGS = 10 V
(Inductive Load, Figure 5)
10
17
30
ns
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM ()
Source-drain Current
Source-drain Current (pulsed)
10
40
A
A
VSD (*)
Forward On Voltage
ISD = 10 A
VGS = 0
2.5
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 10 A
di/dt = 100A/µs
VDD = 30 V
Tj = 150°C
(see test circuit, Figure 5)
100
260
5.2
ns
µC
A
ELECTRICAL CHARACTERISTICS (continued)
Safe Operating Area
Thermal Impedance


유사한 부품 번호 - STD10PF06

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD10PF06 STMICROELECTRONICS-STD10PF06 Datasheet
85Kb / 8P
   P - CHANNEL 60V - 0.18 ohm - 10A TO-252 STripFET POWER MOSFET
logo
VBsemi Electronics Co.,...
STD10PF06-1 VBSEMI-STD10PF06-1 Datasheet
939Kb / 7P
   P-Channel 60-V (D-S) MOSFET
logo
STMicroelectronics
STD10PF06T4 STMICROELECTRONICS-STD10PF06T4 Datasheet
299Kb / 9P
   P-CHANNEL 60V - 0.18 W - 10A IPAK/DPAK STripFET??II POWER MOSFET
logo
VBsemi Electronics Co.,...
STD10PF06T4 VBSEMI-STD10PF06T4 Datasheet
989Kb / 8P
   P-Channel 60-V (D-S) MOSFET
More results

유사한 설명 - STD10PF06

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD10PF06T4 STMICROELECTRONICS-STD10PF06T4 Datasheet
299Kb / 9P
   P-CHANNEL 60V - 0.18 W - 10A IPAK/DPAK STripFET??II POWER MOSFET
STD10PF06 STMICROELECTRONICS-STD10PF06 Datasheet
85Kb / 8P
   P - CHANNEL 60V - 0.18 ohm - 10A TO-252 STripFET POWER MOSFET
STD12NF06 STMICROELECTRONICS-STD12NF06 Datasheet
443Kb / 10P
   N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
444Kb / 10P
   N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
STD30NF06 STMICROELECTRONICS-STD30NF06 Datasheet
457Kb / 10P
   N-CHANNEL 60V - 0.020 ohm - 28A IPAK/DPAK STripFET??II POWER MOSFET
STD12NF06L STMICROELECTRONICS-STD12NF06L_07 Datasheet
323Kb / 14P
   N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
STD16NF06L STMICROELECTRONICS-STD16NF06L Datasheet
442Kb / 11P
   N-channel 60V - 0.060 - 24A - DPAK/IPAK STripFET II Power MOSFET
STD20NF06L STMICROELECTRONICS-STD20NF06L Datasheet
416Kb / 14P
   N-channel 60V - 0.032OHM - 24A - DPAK - IPAK STripFET II Power MOSFET
STD16NF06L STMICROELECTRONICS-STD16NF06L_07 Datasheet
362Kb / 14P
   N-channel 60V - 0.060廓 - 24A - DPAK/IPAK STripFET??II Power MOSFET
STD20NF06LT4 STMICROELECTRONICS-STD20NF06LT4 Datasheet
420Kb / 14P
   N-channel 60V - 0.032廓 - 24A - DPAK - IPAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com