전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMG2G50US60 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FMG2G50US60
상세설명  Molding Type Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMG2G50US60 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FMG2G50US60 Datasheet HTML 1Page - Fairchild Semiconductor FMG2G50US60 Datasheet HTML 2Page - Fairchild Semiconductor FMG2G50US60 Datasheet HTML 3Page - Fairchild Semiconductor FMG2G50US60 Datasheet HTML 4Page - Fairchild Semiconductor FMG2G50US60 Datasheet HTML 5Page - Fairchild Semiconductor FMG2G50US60 Datasheet HTML 6Page - Fairchild Semiconductor FMG2G50US60 Datasheet HTML 7Page - Fairchild Semiconductor FMG2G50US60 Datasheet HTML 8Page - Fairchild Semiconductor FMG2G50US60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
FMG2G50US60 Rev. A
Fig 1. Typical Output Characteristics
Fig 2. Typical Saturation Voltage Characteristics
Fig 3. Saturation Voltage vs. Case
Temperature at Variant Current Level
Fig 4. Load Current vs. Frequency
Fig 5. Saturation Voltage vs. VGE
Fig 6. Saturation Voltage vs. VGE
02
4
6
8
0
20
40
60
80
100
120
140
20V
12V
15V
V
GE = 10V
Common Emitter
T
C = 25
Collector - Emitter Voltage, V
CE [V]
110
0
20
40
60
80
100
120
140
Common Emitter
V
GE = 15V
T
C =
25℃ ━━
T
C = 125
℃ ------
Collector - Emitter Voltage, V
CE [V]
-50
0
50
100
150
0
1
2
3
4
5
50A
100A
I
C = 30A
Common Emitter
V
GE = 15V
Case Temperature, T
C [
℃]
0
4
8
12
16
20
0
4
8
12
16
20
Common Emitter
T
C = 25
100A
50A
I
C = 30A
Gate - Emitter Voltage, V
GE [V]
0
4
8
12
16
20
0
4
8
12
16
20
Common Emitter
T
C = 125
100A
50A
I
C = 30A
Gate - Emitter Voltage, V
GE [V]
0
10
20
30
40
50
60
1
10
100
1000
Duty cycle : 50%
T
C = 100
Power Dissipation = 70W
V
CC = 300V
Load Current : peak of square wave
Frequency [KHz]


유사한 부품 번호 - FMG2G50US60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FMG2G50US120 FAIRCHILD-FMG2G50US120 Datasheet
463Kb / 7P
   Molding Type Module
More results

유사한 설명 - FMG2G50US60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FMG2G300US60 FAIRCHILD-FMG2G300US60 Datasheet
553Kb / 7P
   Molding Type Module
FMG2G400LS60 FAIRCHILD-FMG2G400LS60 Datasheet
384Kb / 6P
   Molding Type Module
FMG2G75US120 FAIRCHILD-FMG2G75US120 Datasheet
500Kb / 7P
   Molding Type Module
FMG2G400US60 FAIRCHILD-FMG2G400US60 Datasheet
568Kb / 7P
   Molding Type Module
FM2G300US60 FAIRCHILD-FM2G300US60 Datasheet
696Kb / 9P
   Molding Type Module
FMG1G75US60L FAIRCHILD-FMG1G75US60L Datasheet
656Kb / 9P
   Molding Type Module
FMG1G50US60H FAIRCHILD-FMG1G50US60H Datasheet
627Kb / 9P
   Molding Type Module
FM2G200US60 FAIRCHILD-FM2G200US60 Datasheet
701Kb / 9P
   Molding Type Module
FMG2G300US60E FAIRCHILD-FMG2G300US60E Datasheet
721Kb / 7P
   Molding Type Module
FM2G75US60 FAIRCHILD-FM2G75US60 Datasheet
711Kb / 9P
   Molding Type Module
FM2G50US60 FAIRCHILD-FM2G50US60 Datasheet
703Kb / 9P
   Molding Type Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com