전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA90BC0WFP-E2 데이터시트(PDF) 9 Page - Rohm

부품명 BA90BC0WFP-E2
상세설명  1A Variable/Fixed Output LDO Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA90BC0WFP-E2 데이터시트(HTML) 9 Page - Rohm

Back Button BA90BC0WFP-E2 Datasheet HTML 5Page - Rohm BA90BC0WFP-E2 Datasheet HTML 6Page - Rohm BA90BC0WFP-E2 Datasheet HTML 7Page - Rohm BA90BC0WFP-E2 Datasheet HTML 8Page - Rohm BA90BC0WFP-E2 Datasheet HTML 9Page - Rohm BA90BC0WFP-E2 Datasheet HTML 10Page - Rohm BA90BC0WFP-E2 Datasheet HTML 11Page - Rohm BA90BC0WFP-E2 Datasheet HTML 12Page - Rohm BA90BC0WFP-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9/16
BAxxBC0 Series
BAxxBC0W Series
BA00BC0WCP-V5
Datasheet
TSZ02201-0R6R0A600120-1-2
TSZ22111・15・001
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
26.Jun.2012 Rev.001
31kΩ
2kΩ
27kΩ
CTL
Refer to the above and implement proper thermal designs so that the IC will not be used under excessive power dissipation
conditions under the entire operating temperature range.
The power consumption Pc of the IC in the event of shorting (i.e. the Vo and GND pins are shorted) can be obtained from
the following equation:
Pc = Vcc
× (Icca + Ishort) (Ishort: short current).
●Peripheral Circuit Considerations
• Vcc pin
Insert a capacitor (0.33
μF approx.) between V
CC and GND.
The capacitance will vary depending on the application. Use a suitable capacitance and implement designs with
sufficient margins.
• GND pin
Verify that there is no potential difference between the ground of the application board and the IC.
If there is a potential difference, the set voltage will not be output accurately, resulting in unstable IC operation.
Therefore, lower the impedance by designing the ground pattern as wide and as short as possible.
• CTL terminal
The CTL terminal turns on at an operating power
supply voltage of 2.0 V or higher and turns off at 0.8 V
or lower.
There is no particular order when turning the power
supply and CTL terminals on or off.
Fig.20 Input Equivalent Circuit
●Vo Terminal
Insert a capacitor between the Vo and GND pins in order to prevent output oscillation.
Fig.21 Output Equivalent Circuit
Fig.22 ESR vs. IO (22μF)
The capacitance may vary greatly with temperature changes, thus making it impossible to completely prevent oscillation.
Therefore, use a tantalum aluminum electrolytic capacitor with a low ESR (Equivalent Serial Resistance). The output will
oscillate if the ESR is too high or too low, so refer to the ESR characteristics in Fig.22 and operate the IC within the stable
region. Use a capacitor within a capacitance between 22
μF and 1,000μF.
Below figure, it is ESR-to-Io stability Area characteristics, measured by 22
μF-ceramic-capacitor and resistor connected in series.
This characteristic is not equal value perfectly to 22µF-aluminum electrolytic capacitor in order to measurement method.
Note, however, that the stable range suggested in the figure depends on the IC and the resistance load involved, and can
vary with the board’s wiring impedance, input impedance, and/or load impedance. Therefore, be certain to ascertain the
final status of these items for actual use.
Keep capacitor capacitance within a range of 22µF to 1000
μF. It is also recommended that a 0.33μF bypass capacitor be
connected as close to the input pin-GND as location possible. However, in situations such as rapid fluctuation of the input
voltage or the load, please check the operation in real application to determine proper capacitance.
OUT
22 μF
IC
200
400
600
800
1000
0
0.05
0.075
0.1
0.2
0.5
1.0
2.0
Io [mA]
Oscillation region
Oscillation region
Stable region
10.0


유사한 부품 번호 - BA90BC0WFP-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BA90BC0WFP-E2 ROHM-BA90BC0WFP-E2 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results

유사한 설명 - BA90BC0WFP-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00GC0WEFJ-E2 ROHM-BD00GC0WEFJ-E2 Datasheet
476Kb / 22P
   1A Variable Fixed Output LDO Regulator
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com