전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS49E 데이터시트(PDF) 2 Page - Honeywell Accelerometers

부품명 SS49E
상세설명  INDUSTRIAL APPLICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL-ACC [Honeywell Accelerometers]
홈페이지  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SS49E 데이터시트(HTML) 2 Page - Honeywell Accelerometers

  SS49E Datasheet HTML 1Page - Honeywell Accelerometers SS49E Datasheet HTML 2Page - Honeywell Accelerometers SS49E Datasheet HTML 3Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SS39ET/SS49E/SS59ET Series Linear Position Sensor ICs
2 Honeywell
Sensing and Control
Building Security
A secure electronic lock can be designed using an array of
linear magnetic sensors configured to detect a specific
magnetic pattern. If a strong external magnet were brought in
proximity to the array, it would be read as a random attempt
and could trigger an alarm. The array of linear Hall-effect
sensors could be used to unlock the system only if the
magnetic field read by each sensor is of the correct polarity
and within acceptable amplitude limits.
Figure 3. Electronic Locks
Without reproducing the exact magnetic flux pattern, it would
be virtually impossible to unlock the system with a single, or
even multiple, strong magnets. Tiny Honeywell SS39ET
Surface-Mount Linear Hall-effect Sensor ICs would provide
the needed sensitivity, output and very small size.
Customer Benefits
Small: Subminiature sensors easily fit into tight spaces
Flexible: Surface-mounting allows for a low-profile array on
a PC board
Energy efficient: Low voltage capability down to 2.7 V
High volume use: Low cost and taping option for automatic
component placement make this product suitable for high-
volume production
Water Pump Control
A water pump is essentially a special application of an electric
motor. These pumps are commonly manufactured for home
appliances.
Figure 4. Washing Machine
A linear Hall-effect sensor
generates an enhanced
control signal for better
resolution of the rotor
position, which can
improve the motor's
efficiency.
A crude RPM measurement
would verify that the pump is
working properly. The output of
the sensor may be used as an
alarm or a shut-off signal to help
prevent motor overload.
Figure 5. Aquarium Pump
A pump may use one or more valves, engage a clutch or gear
to begin, or move a lever or piston a specified distance. The
linear Hall-effect sensor IC can be used to verify that the valve,
clutch, lever or piston is in the specified position.


유사한 부품 번호 - SS49E

제조업체부품명데이터시트상세설명
logo
SEC Electronics Inc.
SS49E SECELECTRONICS-SS49E Datasheet
100Kb / 4P
   Linear Hall Effect Sensor
logo
Honeywell Accelerometer...
SS49E HONEYWELL-ACC-SS49E Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
SS49E-F HONEYWELL-ACC-SS49E-F Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
SS49E-L HONEYWELL-ACC-SS49E-L Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
SS49E-T2 HONEYWELL-ACC-SS49E-T2 Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
More results

유사한 설명 - SS49E

제조업체부품명데이터시트상세설명
logo
Power System Technology
PST20 PST-PST20 Datasheet
221Kb / 3P
   Industrial applications
logo
Taiyo Yuden (U.S.A.), I...
GMJ325KB7106KMHP TAIYO-YUDEN-GMJ325KB7106KMHP Datasheet
289Kb / 2P
   Industrial Applications
GMJ107BB7104MAHT TAIYO-YUDEN-GMJ107BB7104MAHT Datasheet
288Kb / 2P
   Industrial Applications
JMJ325KB7476MMHP TAIYO-YUDEN-JMJ325KB7476MMHP Datasheet
288Kb / 2P
   Industrial Applications
logo
Power System Technology
PST04 PST-PST04 Datasheet
232Kb / 4P
   Industrial, naval applications
logo
Infineon Technologies A...
ITS711L1 INFINEON-ITS711L1_10 Datasheet
1Mb / 18P
   For Industrial Applications
Rev. 1.3, 2010-03-16
logo
List of Unclassifed Man...
WMF05S82K-F ETC2-WMF05S82K-F Datasheet
185Kb / 2P
   Commercial, Industrial Applications
logo
STMicroelectronics
AN2208 STMICROELECTRONICS-AN2208 Datasheet
2Mb / 51P
   Designing Industrial Applications with
logo
Power System Technology
PST19 PST-PST19 Datasheet
657Kb / 4P
   Naval and industrial applications
FAB0404010 PST-FAB0404010 Datasheet
213Kb / 3P
   Railways and industrial applications
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com