전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TZY2Z030A001 데이터시트(PDF) 9 Page - Murata Manufacturing Co., Ltd.

부품명 TZY2Z030A001
상세설명  Selection Guide of Ceramic Trimmer Capacitors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZY2Z030A001 데이터시트(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button TZY2Z030A001 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TZY2Z030A001 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TZY2Z030A001 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TZY2Z030A001 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TZY2Z030A001 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. TZY2Z030A001 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. TZY2Z030A001 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. TZY2Z030A001 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. TZY2Z030A001 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
c Notice (Soldering and Mounting)
c Notice (Handling)
c Notice (Other)
Before using trimmer capacitors, please test after
assembly in your particular mass production system.
T13E.pdf
Aug.10,2012
7
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1
1. Soldering
(1) TZR1 series can be soldered by reflow soldering
method and soldering iron. Do not use flow
soldering method (dipping).
(2) Soldering conditions
Refer to the temperature profile.
If the soldering conditions are not suitable, e.g.,
excessive time and/or excessive temperature, the
trimmer capacitor may deviate from the specified
characteristics.
(3) The amount of solder is critical.
(4) The thickness of solder paste should be printed
from 100 micro m to 150 micro m and the dimension
of land pattern should be Murata's standard land
pattern used at reflow soldering.
Insufficient amounts of solder can lead to
insufficient soldering strength on PCB.
Excessive amounts of solder may cause bridging
between the terminals or contact failure due to
flux wicking up.
(5) When using soldering iron, the diameter of the
string solder shall be less than 0.5mm. The
string solder shall be applied to the lower
part of the terminal only. Do not apply flux
except to the terminals. Excessive amounts of
solder and/or applying solder to the upper part
of the terminal may cause fixed metal rotor or
contact failure due to flux invasion into
the movable part and/or the contact point. The
soldering iron should not come in contact with
the monolithic stator of the trimmer capacitor.
If such contact does occur, the trimmer
capacitor may be damaged.
(6) Our recommended chlorine content of solder is
as follows.
(a) Solder paste: 0.2wt% max.
(b) String solder: 0.5wt% max.
(7) Do not use water-soluble flux (for water
cleaning). To prevent the deterioration of
trimmer capacitor characteristics, apply flux
only to terminals.
2. Mounting
(1) Do not apply excessive force (preferably 5.0 N
[Ref: 500gf] max.), when the trimmer capacitor
is mounted on the PCB.
(2) Do not warp and/or bend PCB to protect trimmer
capacitor from breaking.
(3) Use a pick-up nozzle of a suitable dimension.
(1.1-1.2mm external diameter and 0.8-0.9mm bore
diameter.)
3. Cleaning
This product cannot be cleaned because of open
construction.
4. Other
Note the polarity of the trimmer capacitor to
minimize influence by stray capacitance.
(Refer to the dimensions concerning the polarity.)
1. Use suitable screwdrivers that fit comfortably in
driver slot.
*Recommended screwdriver for manual adjustment
MURATA: KMDR160
2. When adjusting with a screwdriver, do not apply
excessive force (preferably 0.5 N [Ref: 50gf] max.)
to minimize capacitance drift. Excessive force applied
to the screwdriver slot may cause deformation of the
products.
3. Do not apply adhesive, lock paints, or any other
substances to the trimmer capacitor to secure the
rotor position. They may cause corrosion or
electrical contact problems.


유사한 부품 번호 - TZY2Z030A001

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
TZY2Z030A001 MURATA-TZY2Z030A001 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2Z030A001B00 MURATA-TZY2Z030A001B00 Datasheet
190Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
logo
Murata Manufacturing Co...
TZY2Z030A001B00 MURATA1-TZY2Z030A001B00 Datasheet
249Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
TZY2Z030A001B00 MURATA1-TZY2Z030A001B00_V01 Datasheet
249Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
logo
Murata Manufacturing Co...
TZY2Z030A001R00 MURATA-TZY2Z030A001R00 Datasheet
192Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
More results

유사한 설명 - TZY2Z030A001

제조업체부품명데이터시트상세설명
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
Fairchild Semiconductor
AN-9052 FAIRCHILD-AN-9052 Datasheet
40Kb / 4P
   Design Guide for Selection of Bootstrap Components
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com