전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQA24N50 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FQA24N50
상세설명  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA24N50 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FQA24N50 Datasheet HTML 1Page - Fairchild Semiconductor FQA24N50 Datasheet HTML 2Page - Fairchild Semiconductor FQA24N50 Datasheet HTML 3Page - Fairchild Semiconductor FQA24N50 Datasheet HTML 4Page - Fairchild Semiconductor FQA24N50 Datasheet HTML 5Page - Fairchild Semiconductor FQA24N50 Datasheet HTML 6Page - Fairchild Semiconductor FQA24N50 Datasheet HTML 7Page - Fairchild Semiconductor FQA24N50 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
  
 
 
 
 
 
   
    

    !" # $%#&##'( # 
)#*+,-.-Ω, / 
+,0..,0µ -1-/ 
"  !"  ..µ 2%(%(  3
4 %   5   # 


  





B*
 B=* 
*,)*4,%()µ'
())


*
∆B*
5∆
B=* 
 
4,%()µ'+ %(6

) (:

*56
4
C9* 
*,())**,)*


.
µ'
*,&))*,.%(6


.)
µ'
4
9B/=
*,:)**,)*


.))
'
4
9B/=+!
*,:)**,)*


.))
'
 
*
9 * 
*,*4,%()µ'
: )

( )
*
+
  
+ 
*,.)*4,.%'

) .(8
) %

   
*,()*4,.%'

%%


 

4  
*,%(**,)*
,. )D#


:())
&())


  

(%)
8E)


+!  

((
E)

   

 
*,%()*4,%&'
+,%(Ω


A)
.E)


+

%()
())


 

%))
&))


 

.((
:%)

F
 9
*,&))*4,%&'
*,.)*


1)
.%)

F
9 

%:


F
9

&&


     
4
@ 


%&
'
4
@7  


18
'
*
 * 
*,)*4,%&'


. &
*

+!+ !
*,)*4,%&'
45,.))'5µ

&))


F
+!+ !

& :

µ


유사한 부품 번호 - FQA24N50

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FQA24N50 ISC-FQA24N50 Datasheet
362Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA24N50F ISC-FQA24N50F Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FQA24N50

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com