전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT595S16 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 74HCT595S16
상세설명  8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HCT595S16 데이터시트(HTML) 2 Page - Diodes Incorporated

  74HCT595S16 Datasheet HTML 1Page - Diodes Incorporated 74HCT595S16 Datasheet HTML 2Page - Diodes Incorporated 74HCT595S16 Datasheet HTML 3Page - Diodes Incorporated 74HCT595S16 Datasheet HTML 4Page - Diodes Incorporated 74HCT595S16 Datasheet HTML 5Page - Diodes Incorporated 74HCT595S16 Datasheet HTML 6Page - Diodes Incorporated 74HCT595S16 Datasheet HTML 7Page - Diodes Incorporated 74HCT595S16 Datasheet HTML 8Page - Diodes Incorporated 74HCT595S16 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
74HCT595
Document number: DS35493 Rev. 3 - 2
2 of 11
www.diodes.com
June 2013
© Diodes Incorporated
74HCT595
Pin Descriptions
Pin Number
Pin Name
Description
1
Q1
Parallel Data Output 1
2
Q2
Parallel Data Output 2
3
Q3
Parallel Data Output 3
4
Q4
Parallel Data Output 4
5
Q5
Parallel Data Output 5
6
Q6
Parallel Data Output 6
7
Q7
Parallel Data Output 7
8
GND
Ground
9
Q7S
Serial Data Output
10
MR
Master Reset Input
11
SHCP
Shift Register Clock Input
12
STCP
Storage Register Clock Input
13
OE
Output Enable Input
14
DS
Serial Data Input
15
Q0
Parallel Data Output 0
16
Vcc
Supply Voltage
Functional Diagram
Logic Diagram
R
DQ
CP
FF0
DQ
CP
LATCH
STAGE 0
DQ
STAGES 1 TO 6
R
DQ
CP
FF7
DQ
CP
LATCH
STAGE 7
DS
SHCP
MR
STCP
OE
Q0
Q1 Q2 Q3
Q5
Q4
Q6
Q7
Q7S


유사한 부품 번호 - 74HCT595S16

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HCT595 PHILIPS-74HCT595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HCT595 NXP-74HCT595 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HCT595 NXP-74HCT595 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HCT595 NEXPERIA-74HCT595 Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
74HCT595-Q100 NEXPERIA-74HCT595-Q100 Datasheet
300Kb / 20P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
More results

유사한 설명 - 74HCT595S16

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT594 DIODES-74AHCT594 Datasheet
191Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC595 DIODES-74HC595 Datasheet
249Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com