전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2937ESX-3.3 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2937ESX-3.3
상세설명  LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2937ESX-3.3 데이터시트(HTML) 1 Page - Texas Instruments

  LM2937ESX-3.3 Datasheet HTML 1Page - Texas Instruments LM2937ESX-3.3 Datasheet HTML 2Page - Texas Instruments LM2937ESX-3.3 Datasheet HTML 3Page - Texas Instruments LM2937ESX-3.3 Datasheet HTML 4Page - Texas Instruments LM2937ESX-3.3 Datasheet HTML 5Page - Texas Instruments LM2937ESX-3.3 Datasheet HTML 6Page - Texas Instruments LM2937ESX-3.3 Datasheet HTML 7Page - Texas Instruments LM2937ESX-3.3 Datasheet HTML 8Page - Texas Instruments LM2937ESX-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM2937-2.5, LM2937-3.3
www.ti.com
SNVS015E – FEBRUARY 1998 – REVISED APRIL 2013
LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
Check for Samples: LM2937-2.5, LM2937-3.3
1
FEATURES
DESCRIPTION
The LM2937-2.5 and LM2937-3.3 are positive voltage
2
Fully Specified for Operation Over
−40°C to
regulators capable of supplying up to 500 mA of load
+125°C
current. Both regulators are ideal for converting a
Output Current in Excess of 500 mA (400mA
common 5V logic supply, or higher input supply
for SOT-223 package)
voltage, to the lower 2.5V and 3.3V supplies to power
VLSI ASIC's and microcontrollers. Special circuitry
Output Trimmed for 5% Tolerance Under All
has been incorporated to minimize the quiescent
Operating Conditions
current to typically only 10 mA with a full 500 mA load
Wide Output Capacitor ESR Range, 0.01
Ω up
current when the input to output voltage differential is
to 5
Ω
greater than 5V.
Internal Short Circuit and Thermal Overload
The LM2937 requires an output bypass capacitor for
Protection
stability. As with most regulators utilizing a PNP pass
Reverse Battery Protection
transistor, the ESR of this capacitor remains a critical
design parameter, but the LM2937-2.5 and LM2937-
60V Input Transient Protection
3.3
include
special
compensation
circuitry
that
Mirror Image Insertion Protection
relaxes ESR requirements. The LM2937 is stable for
all ESR ratings less than 5
Ω. This allows the use of
low ESR chip capacitors.
The
regulators
are
also
suited
for
automotive
applications, with built in protection from reverse
battery connections, two-battery jumps and up to
+60V/
−50V load dump transients. Familiar regulator
features such as short circuit and thermal shutdown
protection are also built in.
Connection Diagrams
Figure 1. TO-220 Plastic Package
Figure 2. SOT-223 Plastic Package
Front View
Front View
See Package Number NDE0003B
See Package Number DCY0004A
Figure 3. DDPAK/TO-263 Surface-Mount Package
Figure 4. DDPAK/TO-263 Surface-Mount Package
Top View
Side View
See Package Number KTT0003B
See Package Number KTT0003B
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LM2937ESX-3.3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2937ESX-3.3 TI1-LM2937ESX-3.3 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
LM2937ESX-3.3/NOPB TI1-LM2937ESX-3.3/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
More results

유사한 설명 - LM2937ESX-3.3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2937IMP-33 TI1-LM2937IMP-33 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
LM2937-2.5 TI-LM2937-2.5_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2937 2.5-V and 3.3-V 400-mA and 500-mA Voltage Regulators
logo
National Semiconductor ...
LM2937-25 NSC-LM2937-25 Datasheet
293Kb / 10P
   400mA and 500mA Voltage Regulators
LM2937-2.5 NSC-LM2937-2.5 Datasheet
309Kb / 10P
   400mA and 500mA Voltage Regulators
logo
Texas Instruments
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
logo
Zetex Semiconductors
ZMR ZETEX-ZMR_07 Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR ZETEX-ZMR_08 Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Diodes Incorporated
ZMR DIODES-ZMR Datasheet
187Kb / 7P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
ZMR250 DIODES-ZMR250 Datasheet
107Kb / 11P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
LND4808 ETC1-LND4808 Datasheet
119Kb / 4P
   400mA Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com