전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM28V100-TGTR 데이터시트(PDF) 9 Page - Cypress Semiconductor

부품명 FM28V100-TGTR
상세설명  1Mbit Bytewide F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM28V100-TGTR 데이터시트(HTML) 9 Page - Cypress Semiconductor

Back Button FM28V100-TGTR Datasheet HTML 5Page - Cypress Semiconductor FM28V100-TGTR Datasheet HTML 6Page - Cypress Semiconductor FM28V100-TGTR Datasheet HTML 7Page - Cypress Semiconductor FM28V100-TGTR Datasheet HTML 8Page - Cypress Semiconductor FM28V100-TGTR Datasheet HTML 9Page - Cypress Semiconductor FM28V100-TGTR Datasheet HTML 10Page - Cypress Semiconductor FM28V100-TGTR Datasheet HTML 11Page - Cypress Semiconductor FM28V100-TGTR Datasheet HTML 12Page - Cypress Semiconductor FM28V100-TGTR Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
FM28V100 - 128Kx8 FRAM
Document Number: 001-86202 Rev. **
Page 9 of 14
Data Retention (TA = -40 C to + 85 C)
Parameter
Min
Max
Units
Notes
Data Retention
10
-
Years
Capacitance (TA = 25 C , f=1 MHz, VDD = 3.3V)
Symbol
Parameter
Min
Max
Units
Notes
CI/O
Input/Output Capacitance (DQ)
-
8
pF
1
CIN
Input Capacitance
-
6
pF
1
Notes
1.
This parameter is characterized and not 100% tested.
AC Test Conditions
Input Pulse Levels
0 to 3V
Input rise and fall times
3 ns
Input and output timing levels
1.5V
Output Load Capacitance
30 pF
Read Cycle Timing 1 (/CE1 low, CE2 high, /OE low)
A(16:0)
DQ(7:0)
t
RC
t
OH
t
AA
t
OH
Read Cycle Timing 2 (/CE-controlled)
CE2
A(16:0)
OE
DQ(7:0)
tAS
tCE
tCA
tPC
tOE
tOHZ
tHZ
tAH
CE1


유사한 부품 번호 - FM28V100-TGTR

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM28V100-TGTR RAMTRON-FM28V100-TGTR Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100-TGTR RAMTRON-FM28V100-TGTR Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100-TGTR CYPRESS-FM28V100-TGTR Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
More results

유사한 설명 - FM28V100-TGTR

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V020 CYPRESS-FM28V020 Datasheet
410Kb / 16P
   256Kbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V020 RAMTRON-FM28V020 Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020 RAMTRON-FM28V020_11 Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V102 CYPRESS-FM28V102 Datasheet
494Kb / 16P
   1Mbit (64Kx16)F-RAM Memory
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com