전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DL5242B 데이터시트(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

부품명 DL5242B
상세설명  ZENER DIODES Voltage: 2.4-56V P e a k Pulse Power: 500mW Glass passivated junction
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
홈페이지  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

DL5242B 데이터시트(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  DL5242B Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. DL5242B Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. DL5242B Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DL5221B/ZMM5221B
DL5222B/ZMM5222B
DL5223B/ZMM5223B
DL5224B/ZMM5224B
DL5225B/ZMM5225B
DL5226B/ZMM5226B
DL5227B/ZMM5227B
DL5228B/ZMM5228B
DL5229B/ZMM5229B
DL5230B/ZMM5230B
DL5231B/ZMM5231B
DL5232B/ZMM5232B
DL5233B/ZMM5233B
DL5234B/ZMM5234B
DL5235B/ZMM5235B
DL5236B/ZMM5236B
DL5237B/ZMM5237B
DL5238B/ZMM5238B
DL5239B/ZMM5239B
DL5240B/ZMM5240B
DL5241B/ZMM5241B
DL5242B/ZMM5242B
DL5243B/ZMM5243B
DL5244B/ZMM5244B
DL5245B/ZMM5245B
DL5246B/ZMM5246B
DL5247B/ZMM5247B
DL5248B/ZMM5248B
DL5249B/ZMM5249B
DL5250B/ZMM5250B
DL5251B/ZMM5251B
DL5252B/ZMM5252B
DL5253B/ZMM5253B
DL5254B/ZMM5254B
DL5255B/ZMM5255B
DL5256B/ZMM5256B
DL5257B/ZMM5257B
DL5258B/ZMM5258B
DL5259B/ZMM5259B
DL5260B/ZMM5260B
DL5261B/ZMM5261B
DL5262B/ZMM5262B
DL5263B/ZMM5263B
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
2.4
2.5
2.7
2.8
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
7.5
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
33
36
39
43
47
51
56
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
9.5
9.0
8.5
7.8
7.4
7.0
6.6
6.2
5.6
5.2
5.0
4.6
4.5
4.2
3.8
3.4
3.2
3.0
2.7
2.5
2.2
1200
1250
1300
1400
1600
1600
1700
1900
2000
1900
1600
1600
1600
1000
750
500
500
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
700
700
800
900
1000
1100
1300
100
100
75
75
50
25
15
10
5.0
5.0
5.0
5.0
5.0
5.0
3.0
3.0
3.0
3.0
3.0
3.0
2.0
1.0
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
3.0
3.5
4.0
5.0
6.0
6.5
6.5
7.0
8.0
8.4
9.1
9.9
10
11
12
13
14
14
15
17
18
19
21
21
23
25
27
30
33
36
39
43
191
182
168
162
151
138
126
115
106
97
89
81
76
73
67
61
55
52
50
45
41
38
35
32
30
28
27
25
24
23
21.2
19.1
18.2
16.8
16.2
15.1
13.8
12.6
11.5
10.6
9.7
8.9
8.1
Device Type
Nominal
Zener
Voltage
Vz@IZT
(Volts)
Test
Current
IZT
(mA)
Maximum Zener
Impedance
ZZT@IZT
ZZK@IZK=0.25mA
Maximum
Regulator
Current
IZM
Maximum Reverse
Leakage Current
µA
Typical
Temperature
Coefficient
(%/ C)
mA
IR
@VR
Volts
30
30
30
30
29
28
24
23
22
19
17
11
7
7
5
6
8
8
10
17
22
30
13
15
16
17
19
21
23
25
29
33
35
41
44
49
58
70
80
93
150
125
150
-0.085
-0.085
-0.080
-0.080
-0.075
-0.070
-0.065
-0.060
+0.055
+0.030
+0.030
+0.038
+0.038
+0.045
+0.050
+0.058
+0.062
+0.065
+0.068
+0.075
+0.076
+0.077
+0.079
+0.082
+0.082
+0.083
+0.084
+0.085
+0.085
+0.086
+0.087
+0.088
+0.089
+0.090
+0.091
+0.091
+0.092
+0.093
+0.094
+0.095
+0.095
+0.096
+0.096
Ohms
Ohms
Note 1: Suffix “B” indicate +5% tolerance
MDD ELECTRONIC


유사한 부품 번호 - DL5242B

제조업체부품명데이터시트상세설명
logo
Dc Components
DL5242B DCCOM-DL5242B Datasheet
220Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
logo
Changzhou Shunye Electr...
DL5242B SY-DL5242B Datasheet
316Kb / 3P
   ZENER DIODES
logo
Shunye Enterprise
DL5242B SHUNYE-DL5242B Datasheet
316Kb / 3P
   ZENER DIODES
logo
Micro Commercial Compon...
DL5242B MCC-DL5242B Datasheet
593Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results

유사한 설명 - DL5242B

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
SODZ200A-SH LRC-SODZ200A-SH_15 Datasheet
364Kb / 12P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes
SZA LRC-SZA_15 Datasheet
185Kb / 10P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes
SZAF LRC-SZAF_15 Datasheet
216Kb / 10P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com