전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM28V202-TG 데이터시트(PDF) 3 Page - Cypress Semiconductor

부품명 FM28V202-TG
상세설명  2Mbit (128Kx16)F-RAM Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM28V202-TG 데이터시트(HTML) 3 Page - Cypress Semiconductor

  FM28V202-TG Datasheet HTML 1Page - Cypress Semiconductor FM28V202-TG Datasheet HTML 2Page - Cypress Semiconductor FM28V202-TG Datasheet HTML 3Page - Cypress Semiconductor FM28V202-TG Datasheet HTML 4Page - Cypress Semiconductor FM28V202-TG Datasheet HTML 5Page - Cypress Semiconductor FM28V202-TG Datasheet HTML 6Page - Cypress Semiconductor FM28V202-TG Datasheet HTML 7Page - Cypress Semiconductor FM28V202-TG Datasheet HTML 8Page - Cypress Semiconductor FM28V202-TG Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
FM28V202 - 128Kx16 F-RAM
Document Number: 001-86602 Rev. **
Page 3 of 18
Table 1. Functional Truth Table
1,2
/CE
/WE
A(16:2)
A(1:0)
/ZZ
Operation
X
X
X
X
L
Sleep Mode
H
X
X
X
X
X
X
X
H
Standby/Idle
L
H
H
V
V
V
V
H
Read
L
H
No Change
Change
H
Page Mode Read
L
H
Change
V
H
Random Read
L
L
L
V
V
V
V
H
/CE-Controlled Write
2
L
V
V
H
/WE-Controlled Write
2, 3
L
No Change
V
H
Page Mode Write
4
L
X
X
X
X
X
X
H
Starts Precharge
Notes:
1)
H=Logic High, L=Logic Low, V=Valid Data, X=Don’t Care.
2)
For write cycles, data-in is latched on the rising edge of /CE or /WE, whichever comes first.
3)
/WE-controlled write cycle begins as a Read cycle and A(16:2) is latched then.
4)
Addresses A(1:0) must remain stable for at least 15 ns during page mode operation.
Table 2. Byte Select Truth Table
/WE
/OE
/LB
/UB
Operation
H
H
X
X
Read; Outputs Disabled
X
H
H
H
L
H
L
Read upper byte; Hi-Z lower byte
L
H
Read lower byte; Hi-Z upper byte
L
L
Read both bytes
L
X
H
L
Write upper byte; Mask lower byte
L
H
Write lower byte; Mask upper byte
L
L
Write both bytes
The /UB and /LB pins may be grounded if 1) the system does not perform byte writes
and 2) the device is not configured as a 256Kx8.
Simplified Sleep/Standby State Diagram
Initialize
Normal
Operation
Standby
Sleep
Power
Applied
/ZZ low
/ZZ high
/CE high,
/ZZ high
/CE low,
/ZZ high
/CE low,
/ZZ high
/ZZ low
/CE high,
/ZZ high


유사한 부품 번호 - FM28V202-TG

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM28V202A CYPRESS-FM28V202A Datasheet
503Kb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
FM28V202A-TG CYPRESS-FM28V202A-TG Datasheet
503Kb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
FM28V202A-TGTR CYPRESS-FM28V202A-TGTR Datasheet
503Kb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
More results

유사한 설명 - FM28V202-TG

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16 Datasheet
224Kb / 14P
   2Mbit FRAM Memory
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM23MLD16 CYPRESS-FM23MLD16 Datasheet
220Kb / 13P
   8Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com