전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM1808B-SG 데이터시트(PDF) 10 Page - Cypress Semiconductor

부품명 FM1808B-SG
상세설명  256Kb Bytewide 5V F-RAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM1808B-SG 데이터시트(HTML) 10 Page - Cypress Semiconductor

Back Button FM1808B-SG Datasheet HTML 4Page - Cypress Semiconductor FM1808B-SG Datasheet HTML 5Page - Cypress Semiconductor FM1808B-SG Datasheet HTML 6Page - Cypress Semiconductor FM1808B-SG Datasheet HTML 7Page - Cypress Semiconductor FM1808B-SG Datasheet HTML 8Page - Cypress Semiconductor FM1808B-SG Datasheet HTML 9Page - Cypress Semiconductor FM1808B-SG Datasheet HTML 10Page - Cypress Semiconductor FM1808B-SG Datasheet HTML 11Page - Cypress Semiconductor FM1808B-SG Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FM1808B – 256Kb Bytewide 5V F-RAM
Document Number: 001-86209 Rev. **
Page 10 of 12
28-pin SOIC (JEDEC MS-013 variation AE)
All dimensions in millimeters
Pin 1
7.50 ±0.10
10.30 ±0.30
17.90 ±0.20
0.10
0.30
2.35
2.65
0.33
0.51
1.27 typ
0.10
0.25
0.75
45
0.40
1.27
0.23
0.32
0?- 8?
SOIC Package Marking Scheme
Legend:
XXXXXX= part number, P= package type (-SG)
R=rev code, YY=year, WW=work week, LLLLLL= lot code
Example: FM1808B, 70ns speed, “Green”/RoHS SOIC package,
A die rev., Year 2010, Work Week 37, Lot code 00002G
RAMTRON
FM1808B-SG
A103700002G
RAMTRON
XXXXXXX-P
RYYWWLLLLLL


유사한 부품 번호 - FM1808B-SG

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM1808B-SG RAMTRON-FM1808B-SG Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
More results

유사한 설명 - FM1808B-SG

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM18W08 RAMTRON-FM18W08 Datasheet
333Kb / 11P
   256Kb Wide Voltage Bytewide F-RAM
logo
Cypress Semiconductor
FM18W08 CYPRESS-FM18W08 Datasheet
325Kb / 12P
   256Kb Wide Voltage Bytewide F-RAM
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V020 CYPRESS-FM28V020 Datasheet
410Kb / 16P
   256Kbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V020 RAMTRON-FM28V020 Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com