전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM31276-GTR 데이터시트(PDF) 2 Page - Cypress Semiconductor

부품명 FM31276-GTR
상세설명  5V Integrated Processor Companion with Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM31276-GTR 데이터시트(HTML) 2 Page - Cypress Semiconductor

  FM31276-GTR Datasheet HTML 1Page - Cypress Semiconductor FM31276-GTR Datasheet HTML 2Page - Cypress Semiconductor FM31276-GTR Datasheet HTML 3Page - Cypress Semiconductor FM31276-GTR Datasheet HTML 4Page - Cypress Semiconductor FM31276-GTR Datasheet HTML 5Page - Cypress Semiconductor FM31276-GTR Datasheet HTML 6Page - Cypress Semiconductor FM31276-GTR Datasheet HTML 7Page - Cypress Semiconductor FM31276-GTR Datasheet HTML 8Page - Cypress Semiconductor FM31276-GTR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
FM31278/276 – 5V I2C Companion
Document Number: 001-86393 Rev. *B
Page 2 of 26
A general-purpose comparator compares an external
input pin to the onboard 1.2V reference. This is
useful for generating a power-fail interrupt (NMI) but
can be used for any purpose. The family also includes
a programmable 64-bit serial number that can be
locked making it unalterable. Additionally it offers a
dual battery-backed event counter that tracks the
number of rising or falling edges detected on
dedicated input pins.
Pin Configuration
Pin Name
Function
CNT1, CNT2
Event Counter Inputs
A0, A1
Device Select inputs
CAL/PFO
Clock Calibration and Early
Power-Fail Output
/RST
Reset Input/Output
PFI
Early Power-fail Input
X1, X2
Crystal Connections
SDA
Serial Data
SCL
Serial Clock
VBAK
Battery-Backup Supply
VDD
Supply Voltage
VSS
Ground
Ordering Information
Base Configuration
Memory Size
Operating Voltage
Reset Threshold
Ordering Part Number
FM31278
256Kb
4.0-5.5V
3.9, 4.4V
FM31278-G
256Kb
4.0-5.5V
3.9, 4.4V
FM31278-GTR (tape&reel)
FM31276
64Kb
4.0-5.5V
3.9, 4.4V
FM31276-G
64Kb
4.0-5.5V
3.9, 4.4V
FM31276-GTR (tape&reel)
VDD
VBAK
SCL
SDA
VSS
X1
X2
CAL/PFO
CNT1
PFI
RST
A0
A1
CNT2
1
2
3
4
5
6
7
14
13
12
11
10
9
8


유사한 부품 번호 - FM31276-GTR

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM31276-G RAMTRON-FM31276-G Datasheet
330Kb / 25P
   5V Integrated Processor Companion with Memory
More results

유사한 설명 - FM31276-GTR

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM32278 RAMTRON-FM32278 Datasheet
274Kb / 21P
   5V Integrated Processor Companion with Memory
FM31278 RAMTRON-FM31278 Datasheet
330Kb / 25P
   5V Integrated Processor Companion with Memory
FM31278 RAMTRON-FM31278_11 Datasheet
461Kb / 26P
   5V Integrated Processor Companion with Memory
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com