전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX84J-C2V7 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 BZX84J-C2V7
상세설명  General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX84J-C2V7 데이터시트(HTML) 4 Page - NXP Semiconductors

  BZX84J-C2V7 Datasheet HTML 1Page - NXP Semiconductors BZX84J-C2V7 Datasheet HTML 2Page - NXP Semiconductors BZX84J-C2V7 Datasheet HTML 3Page - NXP Semiconductors BZX84J-C2V7 Datasheet HTML 4Page - NXP Semiconductors BZX84J-C2V7 Datasheet HTML 5Page - NXP Semiconductors BZX84J-C2V7 Datasheet HTML 6Page - NXP Semiconductors BZX84J-C2V7 Datasheet HTML 7Page - NXP Semiconductors BZX84J-C2V7 Datasheet HTML 8Page - NXP Semiconductors BZX84J-C2V7 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BZX84J_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 1 August 2011
4 of 13
NXP Semiconductors
BZX84J series
Single Zener diodes
Table 8.
Characteristics per type; BZX84J-B2V4 to BZX84J-C24
Tj =25 C unless otherwise specified.
BZX84J-
xxx
Sel
Working
voltage
VZ (V)
Differential
resistance
rdif ()
Reverse
current
IR (A)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =5 mA
IZ =1mA IZ =5mA
IZ =5mA
Min
Max
Max
Max
Max
VR (V) Min
Max
Max
Max
2V4
B
2.35
2.45
400
100
50
1
3.5
0
450
12
C2.2
2.6
2V7
B
2.65
2.75
450
100
20
1
3.5
0
440
12
C2.5
2.9
3V0
B
2.94
3.06
500
95
10
1
3.5
0
425
12
C2.8
3.2
3V3
B
3.23
3.37
500
95
5
1
3.5
0
410
12
C3.1
3.5
3V6
B
3.53
3.67
500
90
5
1
3.5
0
390
12
C3.4
3.8
3V9
B
3.82
3.98
500
90
3
1
3.5
0
370
12
C3.7
4.1
4V3
B
4.21
4.39
600
90
3
1
3.5
0
350
12
C4
4.6
4V7
B
4.61
4.79
500
80
3
2
3.5
0.2
325
12
C4.4
5
5V1
B
5
5.2
480
60
2
2
2.7
1.2
300
12
C4.8
5.4
5V6
B
5.49
5.71
400
40
1
2
22.5
275
12
C5.2
6
6V2
B
6.08
6.32
150
10
3
4
0.4
3.7
250
12
C5.8
6.6
6V8
B
6.66
6.94
80
15
2
4
1.2
4.5
215
12
C6.4
7.2
7V5
B
7.35
7.65
80
10
1
5
2.5
5.3
170
4
C7
7.9
8V2
B
8.04
8.36
80
10
0.7
5
3.2
6.2
150
4
C7.7
8.7
9V1
B
8.92
9.28
100
10
0.5
6
3.8
7
120
3
C8.5
9.6
10
B
9.8
10.2
150
10
0.2
7
4.5
8
110
3
C
9.4
10.6
11
B
10.8
11.2
150
10
0.1
8
5.4
9
108
2.5
C
10.4
11.6
12
B
11.8
12.2
150
10
0.1
8
6
10
105
2.5
C
11.4
12.7


유사한 부품 번호 - BZX84J-C2V7

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZX84J-C2V7 PHILIPS-BZX84J-C2V7 Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-C2V7 NXP-BZX84J-C2V7 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 2-1 August 2011
BZX84J-C2V7 NXP-BZX84J-C2V7 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
BZX84J-C2V7 NXP-BZX84J-C2V7 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
BZX84J-C2V7 NEXPERIA-BZX84J-C2V7 Datasheet
988Kb / 13P
   Single Zener diodes
Rev. 2 - 1 August 2011
More results

유사한 설명 - BZX84J-C2V7

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZX84JB3V6.115 NXP-BZX84JB3V6.115 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 2-1 August 2011
NZH5V1B-115 PHILIPS-NZH5V1B-115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
NZH16C,115 NXP-NZH16C,115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
NZH3V0B-115 PHILIPS-NZH3V0B-115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
BZB84-C5V1215 PHILIPS-BZB84-C5V1215 Datasheet
90Kb / 14P
   General-purpose Zener diodes in a SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic package
Rev. 03-9 June 2009
BAS70H.115 NXP-BAS70H.115 Datasheet
224Kb / 20P
   General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
logo
Nexperia B.V. All right...
PZUXB_SER NEXPERIA-PZUXB_SER Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
logo
NXP Semiconductors
2PB709ART.215 NXP-2PB709ART.215 Datasheet
100Kb / 10P
   PNP general-purpose transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 01-19 March 2007
PZUXB PHILIPS-PZUXB Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
logo
Shanghai Shunye Electro...
1SS400 SHUNYE-1SS400_17 Datasheet
256Kb / 4P
   Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com