전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX84J-C75 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BZX84J-C75
상세설명  General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX84J-C75 데이터시트(HTML) 2 Page - NXP Semiconductors

  BZX84J-C75 Datasheet HTML 1Page - NXP Semiconductors BZX84J-C75 Datasheet HTML 2Page - NXP Semiconductors BZX84J-C75 Datasheet HTML 3Page - NXP Semiconductors BZX84J-C75 Datasheet HTML 4Page - NXP Semiconductors BZX84J-C75 Datasheet HTML 5Page - NXP Semiconductors BZX84J-C75 Datasheet HTML 6Page - NXP Semiconductors BZX84J-C75 Datasheet HTML 7Page - NXP Semiconductors BZX84J-C75 Datasheet HTML 8Page - NXP Semiconductors BZX84J-C75 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BZX84J_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 1 August 2011
2 of 13
NXP Semiconductors
BZX84J series
Single Zener diodes
3.
Ordering information
[1]
The series consists of 74 types with nominal working voltages from 2.4 V to 75 V.
4.
Marking
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BZX84J-B2V4 to B
ZX84J-C75[1]
SC-90
plastic surface-mounted package; 2 leads
SOD323F
Table 4.
Marking codes
Type number
Marking
code
Type number
Marking
code
Type number
Marking
code
Type number
Marking
code
BZX84J-B2V4
SL
BZX84J-B15
SC
BZX84J-C2V4
U3
BZX84J-C15
TV
BZX84J-B2V7
SM
BZX84J-B16
SD
BZX84J-C2V7
U4
BZX84J-C16
TW
BZX84J-B3V0
ST
BZX84J-B18
SE
BZX84J-C3V0
U9
BZX84J-C18
TX
BZX84J-B3V3
SU
BZX84J-B20
SF
BZX84J-C3V3
UA
BZX84J-C20
TY
BZX84J-B3V6
SV
BZX84J-B22
SG
BZX84J-C3V6
UB
BZX84J-C22
TZ
BZX84J-B3V9
SW
BZX84J-B24
SH
BZX84J-C3V9
UC
BZX84J-C24
U1
BZX84J-B4V3
SZ
BZX84J-B27
SK
BZX84J-C4V3
UF
BZX84J-C27
U2
BZX84J-B4V7
TA
BZX84J-B30
SN
BZX84J-C4V7
UG
BZX84J-C30
U5
BZX84J-B5V1
TD
BZX84J-B33
SP
BZX84J-C5V1
UL
BZX84J-C33
U6
BZX84J-B5V6
TE
BZX84J-B36
SR
BZX84J-C5V6
UM
BZX84J-C36
U7
BZX84J-B6V2
TH
BZX84J-B39
SS
BZX84J-C6V2
UR
BZX84J-C39
U8
BZX84J-B6V8
TK
BZX84J-B43
SX
BZX84J-C6V8
US
BZX84J-C43
UD
BZX84J-B7V5
TM
BZX84J-B47
SY
BZX84J-C7V5
UU
BZX84J-C47
UE
BZX84J-B8V2
TN
BZX84J-B51
TB
BZX84J-C8V2
UV
BZX84J-C51
UH
BZX84J-B9V1
TP
BZX84J-B56
TC
BZX84J-C9V1
UW
BZX84J-C56
UK
BZX84J-B10
S8
BZX84J-B62
TF
BZX84J-C10
TR
BZX84J-C62
UN
BZX84J-B11
S9
BZX84J-B68
TG
BZX84J-C11
TS
BZX84J-C68
UP
BZX84J-B12
SA
BZX84J-B75
TL
BZX84J-C12
TT
BZX84J-C75
UT
BZX84J-B13
SB
-
-
BZX84J-C13
TU
-
-


유사한 부품 번호 - BZX84J-C75

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZX84J-C75 PHILIPS-BZX84J-C75 Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-C75 NXP-BZX84J-C75 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 2-1 August 2011
BZX84J-C75 NXP-BZX84J-C75 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
BZX84J-C75 NXP-BZX84J-C75 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
BZX84J-C75 NEXPERIA-BZX84J-C75 Datasheet
988Kb / 13P
   Single Zener diodes
Rev. 2 - 1 August 2011
More results

유사한 설명 - BZX84J-C75

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZX84JB3V6.115 NXP-BZX84JB3V6.115 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 2-1 August 2011
NZH5V1B-115 PHILIPS-NZH5V1B-115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
NZH16C,115 NXP-NZH16C,115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
NZH3V0B-115 PHILIPS-NZH3V0B-115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
BZB84-C5V1215 PHILIPS-BZB84-C5V1215 Datasheet
90Kb / 14P
   General-purpose Zener diodes in a SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic package
Rev. 03-9 June 2009
BAS70H.115 NXP-BAS70H.115 Datasheet
224Kb / 20P
   General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
logo
Nexperia B.V. All right...
PZUXB_SER NEXPERIA-PZUXB_SER Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
logo
NXP Semiconductors
2PB709ART.215 NXP-2PB709ART.215 Datasheet
100Kb / 10P
   PNP general-purpose transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 01-19 March 2007
PZUXB PHILIPS-PZUXB Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
logo
Shanghai Shunye Electro...
1SS400 SHUNYE-1SS400_17 Datasheet
256Kb / 4P
   Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com