전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4N35-500E 데이터시트(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

부품명 4N35-500E
상세설명  Phototransistor Optocoupler General Purpose Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

4N35-500E 데이터시트(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  4N35-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 4N35-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 4N35-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 4N35-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 4N35-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 4N35-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 4N35-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Figure 4. Current transfer ratio vs. forward current.
Figure 5. Collector current vs. collector-emitter volt-
age.
Figure 6. Relative current transfer ratio vs. tempera-
ture.
Figure 7. Collector-emitter saturation voltage vs.
temperature.
Figure 8. Collector dark current vs. temperature.
Figure 9. Response time vs. load resistance.
0
VCE – COLLECTOR-EMITTER VOLTAGE – V
10
15
20
10
30
5
0
4N35 fig 5
PC (MAX.)
TA = 25°C
IF = 15 mA
IF = 10 mA
IF = 5 mA
IF = 2 mA
0
100
50
150
4N35 fig 6
VCE = 10 V
IF = 10 mA
TA – AMBIENT TEMPERATURE – °C
-25
75
25
0
50
100
-55
0
TA – AMBIENT TEMPERATURE – °C
-25
75
25
0.04
0.12
0
50
100
-55
0.08
4N35 fig 7
0.02
0.06
0.10
IC = 2 mA
IF = 50 mA
0.1
RL – LOAD RESISTANCE – kΩ
0.1
5
1
0.5
0.2
0.5
100
0.2
2
10
0.05
2
4N35 fig 9
20 50
VCE = 10 V
IC = 2 mA
TA = 25°C
tf
tr
1
5
10
20
50
200
td
ts
10-13
-25
80
125
40
20
60
100
-55
4N35 fig 8
TA – AMBIENT TEMPERATURE – °C
VCE = 10 V
10-12
10-11
10-10
10-9
10-8
10-7
10-6
5
5
5
5
5
5
5
0
IF – FORWARD CURRENT – mA
0.2
5
100
100
1
20
60
180
0.5
2
10
0.1
140
4N35 fig 4
VCE = 10 V
TA = 25°C
20
50
500 k
100 k
40
80
120
160
RBE =
Figure 11. Collector-emitter saturation voltage vs.
forward current.
Figure 10. Frequency response.
-20
f – FREQUENCY – kHz
1
20
500
-5
5
-15
-10
5
2
10
50
0.5
0
4N35 fig 10
100 200
RL = 10 kΩ
VCE = 5 V
IC = 2 mA
TA = 25°C
RL = 1 kΩ
RL = 100 Ω
0
IF – FORWARD CURRENT – mA
10
15
2
7
5
0
4N35 fig 11
1
3
4
5
6
TA = 25°C
IC = 0.5 mA
IC = 1 mA
IC = 2 mA
IC = 3 mA
IC = 6 mA
IC = 7 mA


유사한 부품 번호 - 4N35-500E

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
4N35-000E AVAGO-4N35-000E Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type
logo
Inchange Semiconductor ...
4N35-220 ISC-4N35-220 Datasheet
165Kb / 2P
   isc N-Channel MOSFET Transistor
logo
AVAGO TECHNOLOGIES LIMI...
4N35-300E AVAGO-4N35-300E Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type
logo
CT Micro International ...
4N35-G CTMICRO-4N35-G Datasheet
1Mb / 14P
   DC Input 6-Pin Phototransistor Optocoupler
logo
Fairchild Semiconductor
4N35-M FAIRCHILD-4N35-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

유사한 설명 - 4N35-500E

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
4N35-000E AVAGO-4N35-000E Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N25-300E AVAGO-4N25-300E Datasheet
240Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N35-300E AVAGO-4N35-300E Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N25 AVAGO-4N25 Datasheet
228Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N35 AVAGO-4N35 Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type UL approved
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
   Phototransistor Optocoupler
logo
QT Optoelectronics
MCT271 QT-MCT271 Datasheet
455Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com