전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACPL-782T-000E 데이터시트(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

부품명 ACPL-782T-000E
상세설명  Automotive Isolation Amplifier with R2Coupler??Isolation
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-782T-000E 데이터시트(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-782T-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ACPL-782T
Automotive Isolation Amplifier
with R2Coupler™ Isolation
Data Sheet
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Description
The ACPL-782T isolation amplifier was designed for
voltage and current sensing in electronic motor drives
and battery system monitoring. In a typical implementa-
tion, and motor currents flow through an external resistor
and the resulting analog voltage drop is sensed by the
ACPL-782T. A differential output voltage is created on the
other side of the ACPL-782T optical isolation barrier. This
differential output voltage is proportional to the motor
current and can be converted to a single-ended signal
by using an op-amp as shown in the recommended ap-
plication circuit. Since common-mode voltage swings
of several hundred volts in tens of nanoseconds are
common in modern switching inverter motor drives, the
ACPL-782T was designed to ignore very high common-
mode transient slew rates (of at least 10 kV/
Ps).
The high CMR capability of the ACPL-782T isolation
amplifier provides the precision and stability needed to ac-
curately monitor motor current and DC rail voltage in high
noise motor control environments, providing for smoother
control(less“torqueripple”)invarioustypesofmotorcontrol
applications.
The product can also be used for general analog signal
isolation applications requiring high accuracy, stability,
and linearity under similarly severe noise conditions. The
ACPL-782T utilizes sigma delta (
6') analog-to-digital
converter technology, chopper stabilized amplifiers, and
a fully differential circuit topology.
Together, these features deliver unequaled isolation-
mode noise rejection, as well as excellent offset and
gain accuracy and stability over time and temperature.
This performance is delivered in a compact, auto-insert-
able, industry standard 8-pin DIP package that meets
worldwide regulatory safety standards. (A gull-wing
surface mount option -300E is also available).
Avago R2Coupler isolation products provide the rein-
forced insulation and reliability needed for critical in auto-
motive and high temperature industrial applications.
Features
x ±2% Gain Tolerance @ 25°C
x 15 kV/Ps Common-Mode Rejection at VCM = 1000V
x 30ppm/°C Gain Drift vs. Temperature
x 0.3 mV Input Offset Voltage
x 100 kHz Bandwidth
x 0.004% Nonlinearity
x Compact, Auto-Insertable Standard 8-pin DIP Package
x Worldwide Safety Approval:
– UL 1577 (3750 VRMS/1 min.) and
– CSA
– IEC 60747-5-5, DIN EN 60747-5-2(VDE 0884 Teil 2)
x Qualified to AEC-Q100 Test Guidelines
x Automotive Operating Temperature -40 to 125°C
x Advanced Sigma-Delta (6') A/D Converter Technology
x Fully Differential Circuit Topology
Applications
x Automotive Motor Inverter Current/Voltage Sensing
x Automotive AC/DC and DC/DC converter Current/
Voltage sensing
x Automotive Battery ECU
x Automotive Motor Phase Current Sensing
x Isolation Interface for Temperature Sensing
x General Purpose Current Sensing and Monitoring
Functional Diagram
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
The connection of a 0.1
PF bypass capacitor between
pins 1 and 4, pins 5 and 8 is recommended.
1
2
3
4
8
7
6
5
IDD1
VDD1
VIN+
VIN-
GND1
IDD2
VDD2
VOUT+
VOUT-
GND2
+
-
+
-
SHIELD


유사한 부품 번호 - ACPL-782T-000E

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-782T-300E AVAGO-ACPL-782T-300E Datasheet
257Kb / 18P
   Automotive Isolation Amplifier with R2Coupler Isolation
More results

유사한 설명 - ACPL-782T-000E

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-782T-300E AVAGO-ACPL-782T-300E Datasheet
257Kb / 18P
   Automotive Isolation Amplifier with R2Coupler Isolation
ACPL-M43U-000E AVAGO-ACPL-M43U-000E Datasheet
240Kb / 8P
   Wide Operating Temperature 1MBd Digital Optocoupler with R2Coupler??Isolation
ACPL-M46T AVAGO-ACPL-M46T Datasheet
170Kb / 13P
   Automotive Intelligent Power Module with R2Coupler Isolation and Small Outline, 5 Lead Package
logo
Broadcom Corporation.
ACPL-M61T-000E BOARDCOM-ACPL-M61T-000E Datasheet
219Kb / 10P
   10MBd Wide Operating Temperature Automotive Digital Optocoupler with R2Coupler??Isolation and AEC-Q100 Qualification
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61T AVAGO-ACPL-M61T Datasheet
219Kb / 10P
   10MBd Wide Operating Temperature Automotive Digital Optocoupler with R2Coupler??Isolation and AEC-Q100 Qualification
HCPL-7840 AVAGO-HCPL-7840 Datasheet
320Kb / 19P
   Isolation Amplifier
HCPL-7840-560E AVAGO-HCPL-7840-560E Datasheet
151Kb / 19P
   Isolation Amplifier
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
logo
Rohm
BA3121 ROHM-BA3121 Datasheet
169Kb / 11P
   Ground isolation amplifier
BA3123F ROHM-BA3123F_15 Datasheet
1Mb / 16P
   Ground Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com