전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM108HB 데이터시트(PDF) 4 Page - Rochester Electronics

부품명 LM108HB
상세설명  OPERATIONAL AMPLIFIER Industry Part Number LM108
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROCHESTER [Rochester Electronics]
홈페이지  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

LM108HB 데이터시트(HTML) 4 Page - Rochester Electronics

  LM108HB Datasheet HTML 1Page - Rochester Electronics LM108HB Datasheet HTML 2Page - Rochester Electronics LM108HB Datasheet HTML 3Page - Rochester Electronics LM108HB Datasheet HTML 4Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LM108
Specification Number LM108-CM(R) Rev A
Page 4 of 4
MNLM108-X REV 0BL
MILITARY DATA SHEET
Electrical Characteristics
DC/AC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vcc = +20V, Vcm = 0V
AC:
Vcc = +20V, Vcm = 0V
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vin
Input Voltage
Range
Vcc = +15V
1
+14
V
1, 2
Vcc = +15V
1
+13.5
V3
1
+15
V
1, 2,
3
Delta
Vio/Delta
T
Temperature
Coeffient of
Input Offset
Voltage
25C <= TA <= +125C
4
15
uV/C 2
-55C <= TA <= 25C
4
15
uV/C 3
Delta
Iio/Delta
T
Temperature
Coeffient of
Input Offset
Current
25C <= TA <= +125C
4
2.5
pA/C 2
-55C <= TA <= 25C
4
2.5
pA/C 3
Vop+
Output Voltage
Swing
Vcc = +15V, Rl = 10K Ohms
13
V
4, 5,
6
Vop-
Output Voltage
Swing
Vcc = +15V, Rl = 10K Ohms
-13
V
4, 5,
6
Avs+
Open Loop Voltage
Gain
Vcc = +15V, Rl = 10K Ohms,
Vout = 0 to 10V
3
50
V/mV 4
Vcc = +15V, Rl = 10K Ohms,
Vout = 0 to 10V
3
25
V/mV 5, 6
Avs-
Open Loop Voltage
Gain
Vcc = +15V, Rl = 10K Ohms,
Vout = 0 to -10V
3
50
V/mV 4
Vcc = +15V, Rl = 10K Ohms,
Vout = 0 to -10V
3
25
V/mV 5, 6
TR(tr)
Rise Time
2
1
uS
7
TR(os)
Overshoot
2
30
%
7
DC PARAMETERS: DRIFT VALUES
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vcc = +20V, Vcm = 0V.
"Deltas not required on B-Level product. Deltas required for S-Level product
ONLY as specified on Internal Processing Instructions (IPI)."
Vio
Input Offset
Voltage
Vcm = 15V
-0.5
0.5
mV
1
Iib+
Input Bias
Current
Vcm = 15V
-1
1
nA
1
Iib-
Input Bias
Current
Vcm = 15V
-1
1
nA
1
Note 1:
Parameter tested go-no-go only.
Note 2:
Guaranteed parameter not tested.
Note 3:
Datalog in K = V/mV.
Note 4:
Calculated parameter for Class "S" only.
4
Rochester Electronics guarantees performance of its semiconductor products to the original OEM specifications. “Typical” values are for reference purposes
only. Certain minimum or maximum ratings may be based on product characterization, design, simulation, or sample testing. Rochester Electronics reserves
the right to make changes without further notice to any specification herein.


유사한 부품 번호 - LM108HB

제조업체부품명데이터시트상세설명
logo
Linear Technology
LM108H LINER-LM108H Datasheet
451Kb / 8P
   Operational Amplifiers?
logo
Texas Instruments
LM108H/883 TI-LM108H/883 Datasheet
791Kb / 22P
[Old version datasheet]   LM108/LM108AQML Operational Amplifiers
More results

유사한 설명 - LM108HB

제조업체부품명데이터시트상세설명
logo
Samtec, Inc
ASP-148422-01 SAMTEC-ASP-148422-01 Datasheet
339Kb / 2P
   1. SET UP ASP PART NUMBER FOR INDUSTRY STANDARD.
logo
Texas Instruments
LM108-N TI-LM108-N Datasheet
791Kb / 22P
[Old version datasheet]   LM108/LM108AQML Operational Amplifiers
LM208-N TI1-LM208-N Datasheet
1Mb / 20P
[Old version datasheet]   LM108/LM208/LM308 Operational Amplifiers
LM108AQML TI-LM108AQML_15 Datasheet
659Kb / 21P
[Old version datasheet]   LM108-N/LM108AQML Operational Amplifiers
logo
List of Unclassifed Man...
HZ0805D102R-10 ETC2-HZ0805D102R-10 Datasheet
310Kb / 3P
   Part Number Nomenclature
logo
AVX Corporation
06035A121FAT2A AVX-06035A121FAT2A Datasheet
40Kb / 2P
   Part Number Explanation
logo
TriQuint Semiconductor
854927 TRIQUINT-854927_15 Datasheet
570Kb / 5P
   Part Number 854927
logo
Qualtek Electronics Cor...
Q2-F-364-01-QB48IN-25 QUALTEK-Q2-F-364-01-QB48IN-25 Datasheet
823Kb / 1P
   PART NUMBER GUIDE
logo
AVAGO TECHNOLOGIES LIMI...
IEC60747-5-2 AVAGO-IEC60747-5-2 Datasheet
54Kb / 3P
   Specify Part Number followed by Option Number
logo
Amphenol Corporation
P-UE78-B1126-00XX1 AMPHENOL-P-UE78-B1126-00XX1 Datasheet
183Kb / 4P
   SEE AMPHENOL PART NUMBER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com