전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4050BCJ 데이터시트(PDF) 4 Page - Rochester Electronics

부품명 CD4050BCJ
상세설명  CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROCHESTER [Rochester Electronics]
홈페이지  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

CD4050BCJ 데이터시트(HTML) 4 Page - Rochester Electronics

  CD4050BCJ Datasheet HTML 1Page - Rochester Electronics CD4050BCJ Datasheet HTML 2Page - Rochester Electronics CD4050BCJ Datasheet HTML 3Page - Rochester Electronics CD4050BCJ Datasheet HTML 4Page - Rochester Electronics CD4050BCJ Datasheet HTML 5Page - Rochester Electronics CD4050BCJ Datasheet HTML 6Page - Rochester Electronics CD4050BCJ Datasheet HTML 7Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CD4049/CD4050
Specification Number CD4049_50UB-M-(N) REV -
Page 4 of 7
DC Electrical Characteristics CD4049MCD4050BM (Note 2) (Continued)
Symbol
Parameter
Conditions
b55 C
a25 C
a125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IOH
High Level Output Current
VIH e VDD VIL e 0V
(Note 3)
VDD e 5V VO e 46V
b13
b11
b16
b072
mA
VDD e 10V VO e 95V
b26
b22
b36
b15
mA
VDD e 15V VO e 135V
b80
b72
b12
b50
mA
IIN
Input Current
VDD e 15V VIN e 0V
b01
b10b5 b01
b10
mA
VDD e 15V VIN e 15V
01
10b5
01
10
mA
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed they are not meant to imply that the devices
should be operated at these limits The table of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
These are
peak output current capabilities Continuous output current is rated at 12 mA maximum The output current should not be allowed to exceed this
value for extended periods of time IOL and IOH are tested one output at a time
DC Electrical Characteristics CD4049UBCCD4050BC (Note 2)
Symbol
Parameter
Conditions
b40 C
a25 C
a85 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD e 5V
4
003
40
30
mA
VDD e 10V
8
005
80
60
mA
VDD e 15V
16
007
160
120
mA
VOL
Low Level Output Voltage
VIH e VDD VIL e 0V
lIOl k 1 mA
VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level Output Voltage
VIH e VDD VIL e 0V
lIOl k 1 mA
VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level Input Voltage
lIOl k 1 mA
(CD4050BC Only)
VDD e 5V VO e 05V
15
225
15
15
V
VDD e 10V VO e 1V
30
45
30
30
V
VDD e 15V VO e 15V
40
675
40
40
V
VIL
Low Level Input Voltage
lIOl k 1 mA
(CD4049UBC Only)
VDD e 5V VO e 45V
10
15
10
10
V
VDD e 10V VO e 9V
20
25
20
20
V
VDD e 15V VO e 135V
30
35
30
30
V
VIH
High Level Input Voltage
lIOl k 1 mA
(CD4050BC Only)
VDD e 5V VO e 45V
35
35
275
35
V
VDD e 10V VO e 9V
70
70
55
70
V
VDD e 15V VO e 135V
110
110
825
110
V
VIH
High Level Input Voltage
lIOl k 1 mA
(CD4049UBC Only)
VDD e 5V VO e 05V
40
40
35
40
V
VDD e 10V VO e 1V
80
80
75
80
V
VDD e 15V VO e 15V
120
120
115
120
V
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed they are not meant to imply that the devices
should be operated at these limits The table of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
These are
peak output current capabilities Continuous output current is rated at 12 mA maximum The output current should not be allowed to exceed this
value for extended periods of time IOL and IOH are tested one output at a time
3


유사한 부품 번호 - CD4050BCJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
CD4050BC NSC-CD4050BC Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
logo
Fairchild Semiconductor
CD4050BC FAIRCHILD-CD4050BC Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
CD4050BC FAIRCHILD-CD4050BC Datasheet
74Kb / 7P
   Hex Inverting Buffer ??Hex Non-Inverting Buffer
CD4050BCM FAIRCHILD-CD4050BCM Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4050BCM FAIRCHILD-CD4050BCM Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com