전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD680AN 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD680AN
상세설명  Low Power, Low Cost 2.5 V Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD680AN 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD680AN Datasheet HTML 4Page - Analog Devices AD680AN Datasheet HTML 5Page - Analog Devices AD680AN Datasheet HTML 6Page - Analog Devices AD680AN Datasheet HTML 7Page - Analog Devices AD680AN Datasheet HTML 8Page - Analog Devices AD680AN Datasheet HTML 9Page - Analog Devices AD680AN Datasheet HTML 10Page - Analog Devices AD680AN Datasheet HTML 11Page - Analog Devices AD680AN Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD680
Rev. H | Page 8 of 12
AD680
+VIN
VOUT
VOUT
VOUT
0V
VL
249
Ω
0.1
μF
CL
1000pF
Figure 12. Capacitive Load Transient Response Test Circuit
Figure 13 displays the output amplifier characteristics driving a
1,000 pF, 0 mA to 10 mA load.
VOUT
VL
100
90
0%
10
5
μs
5mV
2V
Figure 13. Output Response with Capacitive Load
LOAD REGULATION
Figure 14 depicts the load regulation characteristics of
the AD680.
VOUT
VL
100
90
0%
10
100
μs
1mV
1V
Figure 14. Typical Load Regulation Characteristics
TEMPERATURE PERFORMANCE
The AD680 is designed for reference applications where tem-
perature performance is important. Extensive temperature
testing and characterization ensure that the device’s performance
is maintained over the specified temperature range.
Some confusion exists in the area of defining and specifying
reference voltage error over temperature. Historically, references
have been characterized using a maximum deviation per degree
centigrade, that is, ppm/°C. However, because of nonlinearities
in temperature characteristics that originated in standard Zener
references (such as “S” type characteristics), most manufac-
turers now use a maximum limit error band approach to specify
devices. This technique involves measuring the output at three
or more different temperatures to specify an output voltage
error band.
2.501
2.500
2.498
TEMPERATURE (
°C)
–50
60
020
40
2.499
–10
–30
80
100
SLOPE = TC
=
VMAX – VMIN
(TMAX – TMIN) × 2.5V × 10–6
=
2.501 – 2.498
(85
°C – (–40°C))
× 2.5V × 10–6
= 9.6ppm/
°C
Figure 15. Typical AD680AN/AD680AR Temperature Drift
Figure 15 shows a typical output voltage drift for the AD680AN/
AD680AR and illustrates the test methodology. The box in
Figure 15 is bounded on the left and right sides by the operat-
ing temperature extremes, and on the top and bottom by the
maximum and minimum output voltages measured over the
operating temperature range.
The maximum height of the box for the appropriate temperature
range and device grade is shown in Table 4. Duplication of these
results requires a combination of high accuracy and stable tem-
perature control in a test system. Evaluation of the AD680 will
produce a curve similar to that in Figure 15, but output readings
could vary depending upon the test equipment used.
Table 4. Maximum Output Change in mV
Maximum Output Change (mV)
Device Grade
0°C to 70°C
−40°C to +85°C
AD680JN/AD680JR
4.375
Not applicable
AD680JT
5.250
Not applicable
AD680AN
Not applicable
6.250


유사한 부품 번호 - AD680AN

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD680AN AD-AD680AN Datasheet
160Kb / 8P
   Low Power, Low Cost 2.5 V Reference
REV. C
AD680AN AD-AD680AN Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
More results

유사한 설명 - AD680AN

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD680 AD-AD680 Datasheet
160Kb / 8P
   Low Power, Low Cost 2.5 V Reference
REV. C
AD680ARZ-REEL AD-AD680ARZ-REEL Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
AD680 AD-AD680_15 Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
REF43BRC AD-REF43BRC Datasheet
926Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
REF43 AD-REF43_15 Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REF43 AD-REF43_04 Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
REF43GSZ AD-REF43GSZ Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
logo
List of Unclassifed Man...
VRE302 ETC-VRE302 Datasheet
2Mb / 41P
   Low Cost Precision Reference
VRE3021 ETC-VRE3021 Datasheet
188Kb / 8P
   Low Cost Precision Reference
VRE306 ETC-VRE306 Datasheet
320Kb / 5P
   Low Cost Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com