전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5316BRU 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD5316BRU
상세설명  2.5 V to 5.5 V, 400 關A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5316BRU 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD5316BRU Datasheet HTML 4Page - Analog Devices AD5316BRU Datasheet HTML 5Page - Analog Devices AD5316BRU Datasheet HTML 6Page - Analog Devices AD5316BRU Datasheet HTML 7Page - Analog Devices AD5316BRU Datasheet HTML 8Page - Analog Devices AD5316BRU Datasheet HTML 9Page - Analog Devices AD5316BRU Datasheet HTML 10Page - Analog Devices AD5316BRU Datasheet HTML 11Page - Analog Devices AD5316BRU Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5306/AD5316/AD5326
Rev. F | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDD
VOUTA
VOUTB
VREFB
VREFA
VOUTC
LDAC
A0
SCL
SDA
PD
VREFCVREFD
VOUTD
GND
A1
AD5306/
AD5316/
AD5326
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
LDAC
Active Low Control Input. Transfers the contents of the input registers to their respective DAC registers.
Pulsing this pin low allows any or all DAC registers to be updated if the input registers have new data. This
allows simultaneous update of all DAC outputs. Alternatively, this pin can be tied permanently low.
2
VDD
Power Supply Input. These parts can be operated from 2.5 V to 5.5 V and the supply should be decoupled
with a10 μF capacitor in parallel with a 0.1 μF capacitor to GND.
3
VOUTA
Buffered Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation.
4
VOUTB
Buffered Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation.
5
VOUTC
Buffered Analog Output Voltage from DAC C. The output amplifier has rail-to-rail operation.
6
VREFA
Reference Input Pin for DAC A. This pin can be configured as a buffered or an unbuffered input depending on
the state of the BUF bit in the input word to DAC A. It has an input range from 0.25 V to VDD in unbuffered
mode and from 1 V to VDD in buffered mode.
7
VREFB
Reference Input Pin for DAC B. This pin can be configured as a buffered or an unbuffered input depending on
the state of the BUF bit in the input word to DAC B. It has an input range from 0.25 V to VDD in unbuffered
mode and from 1 V to VDD in buffered mode.
8
VREFC
Reference Input Pin for DAC C. This pin can be configured as a buffered or an unbuffered input depending on
the state of the BUF bit in the input word to DAC C. It has an input range from 0.25 V to VDD in unbuffered
mode and from 1 V to VDD in buffered mode.
9
VREFD
Reference Input Pin for DAC D. This pin can be configured as a buffered or an unbuffered input depending on
the state of the BUF bit in the input word to DAC D. It has an input range from 0.25 V to VDD in unbuffered
mode and from 1 V to VDD in buffered mode.
10
PD
Active Low Control Input. Acts as a hardware power-down option. All DACs go into power-down mode when
this pin is tied low. The DAC outputs go into a high impedance state. The current consumption of the part
drops to 300 nA @ 5 V (90 nA @ 3 V).
11
VOUTD
Buffered Analog Output Voltage from DAC D. The output amplifier has rail-to-rail operation.
12
GND
Ground Reference Point for All Circuitry on the Part.
13
SDA
Serial Data Line. This is used in conjunction with the SCL line to clock data into the 16-bit input shift register.
It is a bidirectional open-drain data line that should be pulled to the supply with an external pull-up resistor.
14
SCL
Serial Clock Line. This is used in conjunction with the SDA line to clock data into the 16-bit input shift register.
Clock rates of up to 400 kbps can be accommodated in the I2C-compatible interface.
15
A0
Address Input. Sets the LSB of the 7-bit slave address.
16
A1
Address Input. Sets the second LSB of the 7-bit slave address.


유사한 부품 번호 - AD5316BRU

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5316 AD-AD5316 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5316 AD-AD5316 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5316 AD-AD5316 Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5316 AD-AD5316 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5316 AD-AD5316 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
More results

유사한 설명 - AD5316BRU

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5316 AD-AD5316_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5306 AD-AD5306_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5326 AD-AD5326_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5325 AD-AD5325_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5315 AD-AD5315_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5305ARM AD-AD5305ARM Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5311BRMZ AD-AD5311BRMZ Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301_07 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311 AD-AD5311_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com